Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM1110 Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM1110
Description  2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1110 Datasheet(HTML) 2 Page - Mimix Broadband

  CMM1110 Datasheet HTML 1Page - Mimix Broadband CMM1110 Datasheet HTML 2Page - Mimix Broadband CMM1110 Datasheet HTML 3Page - Mimix Broadband CMM1110 Datasheet HTML 4Page - Mimix Broadband CMM1110 Datasheet HTML 5Page - Mimix Broadband CMM1110 Datasheet HTML 6Page - Mimix Broadband CMM1110 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
Low Noise Amplifier Measurements
2.0-18.0 GHz GaAs MMIC
Low Noise Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CMM1110
May 2006 - Rev 01-May-06
CMM1110 Vd=8.0 V Id=70 mA
8
9
10
11
12
13
14
15
16
17
18
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
Frequency (GHz)
-25
-20
-15
-10
-5
0
5
10
15
20
25
S21
S11
S22
CMM1110 Vd=8.0 V Id=70 mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
Frequency (GHz)
CMM1110 Vd=8.0 V Id=70 mA
8
9
10
11
12
13
14
15
16
17
18
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0
Frequency (GHz)
CMM1110 Vd=8.0V Id=70 mA
10
11
12
13
14
15
16
17
18
19
20
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0 20.0
Frequency (GHz)


Similar Part No. - CMM1110

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
251Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD-000V MIMIX-CMM1110-BD-000V Datasheet
251Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD-000X MIMIX-CMM1110-BD-000X Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD_0705 MIMIX-CMM1110-BD_0705 Datasheet
251Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
More results

Similar Description - CMM1110

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1100 MIMIX-CMM1100 Datasheet
444Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD MIMIX-CMM1100-BD_07 Datasheet
219Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD_0704 MIMIX-CMM1100-BD_0704 Datasheet
212Kb / 5P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
List of Unclassifed Man...
CMM4000 ETC1-CMM4000 Datasheet
178Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
Mimix Broadband
CMM1110-BD_0705 MIMIX-CMM1110-BD_0705 Datasheet
251Kb / 6P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1110-BD MIMIX-CMM1110-BD Datasheet
274Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM4000-BD MIMIX-CMM4000-BD Datasheet
177Kb / 7P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-QF MIMIX-CMM1100-QF Datasheet
331Kb / 8P
   2.0-18.0 GHz GaAs MMIC Low Noise Amplifier, QFN
CMM4000-BD MIMIX-CMM4000-BD_07 Datasheet
193Kb / 7P
   2.0-18.0 GHz GaAs MMIC Buffer Amplifier
CMM4000 MIMIX-CMM4000_09 Datasheet
276Kb / 9P
   2.0-18.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com