Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73M2901-32I3 Datasheet(PDF) 1 Page - TDK Electronics

Part # 73M2901-32I3
Description  Advanced Single Chip Modem
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73M2901-32I3 Datasheet(HTML) 1 Page - TDK Electronics

  73M2901-32I3 Datasheet HTML 1Page - TDK Electronics 73M2901-32I3 Datasheet HTML 2Page - TDK Electronics 73M2901-32I3 Datasheet HTML 3Page - TDK Electronics 73M2901-32I3 Datasheet HTML 4Page - TDK Electronics 73M2901-32I3 Datasheet HTML 5Page - TDK Electronics 73M2901-32I3 Datasheet HTML 6Page - TDK Electronics 73M2901-32I3 Datasheet HTML 7Page - TDK Electronics 73M2901-32I3 Datasheet HTML 8Page - TDK Electronics 73M2901-32I3 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
73M2901/3.3V
Advanced Single
Chip Modem
DESCRIPTION
The 73M2901/3.3V is a single-chip modem that
combines all the controller (DTE) and data pump
functions necessary to implement an intelligent
V.22bis data modem. This device is based on TDK
Semiconductor’s implementation of the industry
standard 8032 microcontroller core with a proprietary
multiply and accumulate (MAC) coprocessor; Sigma-
Delta A/D and D/A converters; and an analog front
end. The ROM and RAM necessary to operate the
modem are contained on the device. Additionally,
the 73M2901/3.3V provides an on-chip oscillator and
Hybrid driver.
The 73M2901/3.3V is a high performance, low
voltage, low power, single chip modem capable of
data transmission and reception through 2400bps.
The 73M2901/3.3V is intended for embedded
applications and battery operation. This device
offers low power 3.3 volt design with optional
internal hybrid and country specific call progress
support.
FEATURES
Low overall system chip count. True one
chip solution for embedded systems
Low operating power (~120mW @ 3.3V,
automatic low power standby and power
down options available)
Internal ROM and RAM for normal operation
On chip optional hybrid driver
Designed for +3.15 through +3.6 volts
Data speeds:
V.22bis – 2400bps
V.22, Bell 212 – 1200bps
V.21, Bell 103 – 300bps
V.23 – 1200/75bps (w/ turnaround (PAVI))
Bell 202 – 1200bps
Bell 202 and V23 4-wire operations
Dynamic Range: -9dBm to –43 dBm
“AT” command set
Host access to modem port pins via AT
commands for custom I/O expansion
DTMF tone generation and detection
Call progress support with multinational
options (FCC68, CTR21, JATE…)
Caller ID capability
Blacklisting capability
Packaging: 32 pin PLCC or 44 pin TQFP
BLOCK DIAGRAM
ROM
MAC
RAM
CPU
AFE Hybrid
RxA
TxAP
TxAP
HBDEN
TxCLK
ASRCH
RING
DTR
RI
CTS
DCD
DSR
RTS
RxCLK
TxD
RxD
USR10
USR11
RELAY
December 2000


Similar Part No. - 73M2901-32I3

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73M2901CE TERIDIAN-73M2901CE Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
73M2901CE-IGV/F TERIDIAN-73M2901CE-IGV/F Datasheet
277Kb / 22P
   Single Chip Modem
73M2901CE-IGV/F TERIDIAN-73M2901CE-IGV/F Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
73M2901CE-IGVR/F TERIDIAN-73M2901CE-IGVR/F Datasheet
277Kb / 22P
   Single Chip Modem
More results

Similar Description - 73M2901-32I3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
   Advanced Single Chip Modem
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
   Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
73K324L TERIDIAN-73K324L Datasheet
244Kb / 30P
   Single-Chip Modem
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
logo
Broadcom Corporation.
BCM3349 BOARDCOM-BCM3349 Datasheet
182Kb / 2P
   ADVANCED QAMLINK짰 DOCSIS-R 2.0 HIGH-PERFORMANCE, SINGLE-CHIP CABLE MODEM
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com