Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM1118-QT Datasheet(PDF) 5 Page - Mimix Broadband

Part # CMM1118-QT
Description  11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1118-QT Datasheet(HTML) 5 Page - Mimix Broadband

  CMM1118-QT Datasheet HTML 1Page - Mimix Broadband CMM1118-QT Datasheet HTML 2Page - Mimix Broadband CMM1118-QT Datasheet HTML 3Page - Mimix Broadband CMM1118-QT Datasheet HTML 4Page - Mimix Broadband CMM1118-QT Datasheet HTML 5Page - Mimix Broadband CMM1118-QT Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
11.0-20.0 GHz GaAs MMIC
Packaged Driver Amplifier
Package Outline and Assembly
0.65
1.00
A2
0
E
E2
L
D2
e
K
b
D
0.16
0.20
1.50
0.20
3.00 BSC
0.26
0.36
1.65
1.80
0.50
-
-
0.25
0.30
3.00 BSC
NOM
0.20 REF
MIN
A3
0.80
A
MAX
0.90
1.00
1.50
1.65
1.80
A2
A
D
E
b
e
L
0.00-0.05
INDICATOR
PIN 1
RF OUT
RF IN
12
11
10
9
4
1
2
3
13
14
15
16
7
8
6
5
1. ALL DIMENSIONS ARE IN mm
NOTE:
1.00
±.005
PACKAGE OUTLINE
0.30 ±.005
0.50
BSC
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.40 ±.05
(4 SIDES)
2.00 ±.05
4.00 ±.05
A3
XXYY
XXXX
1118G
D2
K
E2
CHAMFER
0.30 X 0.30
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2006 - Rev 08-Mar-06
Ordering Information
Part Number for Ordering
Description
CMM1118-QT-0G00
CMM1118-QT-0G0T
Matte Tin finished RoHS compliant 3x3 QFN in bulk quantity
Matte Tin finished RoHS compliant 3x3 QFN in tape and reel
PB-CMM1118-0000
Evaluation Board
CMM1118-QT


Similar Part No. - CMM1118-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1118-QT MIMIX-CMM1118-QT Datasheet
591Kb / 6P
   11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM1118-QT MIMIX-CMM1118-QT Datasheet
1Mb / 6P
   11.0-20.0 GHz GaAs MMIC
CMM1118-QT-0G00 MIMIX-CMM1118-QT-0G00 Datasheet
591Kb / 6P
   11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM1118-QT-0G0T MIMIX-CMM1118-QT-0G0T Datasheet
591Kb / 6P
   11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM1118-QT MIMIX-CMM1118-QT_07 Datasheet
591Kb / 6P
   11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
More results

Similar Description - CMM1118-QT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1118-QT MIMIX-CMM1118-QT_07 Datasheet
591Kb / 6P
   11.0-20.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM1118-QT MIMIX-CMM1118-QT_10 Datasheet
1Mb / 6P
   11.0-20.0 GHz GaAs MMIC
CMM9000-QT MIMIX-CMM9000-QT Datasheet
1Mb / 11P
   1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM2000-QT MIMIX-CMM2000-QT Datasheet
1Mb / 11P
   1.5-6.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM0511-QT MIMIX-CMM0511-QT Datasheet
446Kb / 6P
   5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
CMM0511-QT MIMIX-CMM0511-QT_08 Datasheet
443Kb / 6P
   5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier
XP1014 MIMIX-XP1014 Datasheet
165Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006 MIMIX-XP1006 Datasheet
242Kb / 6P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1008 MIMIX-XP1008 Datasheet
160Kb / 6P
   11.0-16.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100 Datasheet
172Kb / 3P
   GaAs MMIC Power Amplifier 7.0 - 11.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com