Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM1200-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # CMM1200-BD
Description  2.0 to 6.0 GHz GaAs MMIC Low-Noise Amplifer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CMM1200-BD Datasheet(HTML) 2 Page - Mimix Broadband

  CMM1200-BD Datasheet HTML 1Page - Mimix Broadband CMM1200-BD Datasheet HTML 2Page - Mimix Broadband CMM1200-BD Datasheet HTML 3Page - Mimix Broadband CMM1200-BD Datasheet HTML 4Page - Mimix Broadband CMM1200-BD Datasheet HTML 5Page - Mimix Broadband CMM1200-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
2.0 to 6.0 GHz
GaAs MMIC
Low-Noise Amplifier
Advanced Product Information
May 2005 V1.5
(1 of 5)
Features
❏ Small Size: 1.60 x 1.55 x 0.076 mm
❏ Integrated On-Chip Drain Bias Coil
❏ Integrated On-Chip DC Blocking
❏ Single Bias Operation
❏ Directly Cascadable – Fully Matched, Novel
Feedback & Distributed Amplifier Design
❏ P1dB: 15.5 dBm @ 6 GHz, Typ.
❏ High Linear Gain: 17.5 dB Typ.
❏ Noise Figure: 3.3 dB Typ. @ 6 GHz
❏ pHEMT Technology
❏ Silicon Nitride Passivation
Specifications (TA = 25°C, Vdd = 5V) 1
Parameters
Units
Min
Typ
Max
Frequency Range
GHz
2.0
6.0
Linear Gain
dB
16.0
17.5
Gain Variation (over operating frequency)
±dB
2.0
Power Output (@1 dB Gain Compression)
dBm
14.0
15.5
P1dB Variation (over operating frequency)
dBm
1.0
Saturated Output Power
dBm
19.0
23.0
Third Order Intercept Point (@ 6 GHz)
dBm
25.5
Second Order Intercept Point (@ 6 GHz)
dBm
41.0
Noise Figure (@6 GHz)
dB
3.3
3.8
Input Return Loss 2
dB
-9.5
Output Return Loss 2
dB
-12.0
Current
mA
85
100
115
Thermal Resistance
°C/W
34.0
Stability
Unconditionally Stable
Absolute Maximum Ratings 1
Parameter
Rating
Drain Voltage
4.5V (min.) / 8.0V (max.)
Drain Current
150 mA
Continuous Power Dissipation
1.2 W
Input Power
10 dBm
Storage Temperature
-50°C to +150°C
Channel Temperature
175°C
Operating Backside Temperature 2
-40°C Min.
Die Attach and Bonding Procedures
Die Attach: Eutectic die attach is recommended. For eutec-
tic die attach: Preform: AuSn (80% Au, 20% Sn); Stage
Temperature: 290°C, ±5°C; Handling Tool: Tweezers; Time: 1
min or less.
Wire Bonding: Wire Size: 0.7 to 1.0 mil in diameter (pre-
stressed); Thermocompression bonding is preferred over ther-
mosonic bonding.
For thermocompression bonding: Stage
Temperature: 250°C; Bond Tip Temperature: 150°C; Bonding
Tip Pressure: 18 to 40 gms depending on size of wire.
CMM1200-BD
Chip Diagram
Notes: 1. Tested on Celeritek connectorized evaluation board.
2. Measured on wafer.
Notes: 1. Operation outside these limits can cause permanent damage.
2. Calculation maximum operating temperature:
Tmax = 175–(Pdis [W] x 34) [°C].


Similar Part No. - CMM1200-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1200-BD MIMIX-CMM1200-BD Datasheet
457Kb / 5P
   2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM1200-BD MIMIX-CMM1200-BD Datasheet
452Kb / 5P
   2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM1200-BD-000V MIMIX-CMM1200-BD-000V Datasheet
452Kb / 5P
   2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM1200-BD MIMIX-CMM1200-BD_07 Datasheet
452Kb / 5P
   2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
More results

Similar Description - CMM1200-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM1200-BD MIMIX-CMM1200-BD_07 Datasheet
452Kb / 5P
   2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM1200 MIMIX-CMM1200 Datasheet
457Kb / 5P
   2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM0014-BD MIMIX-CMM0014-BD Datasheet
1Mb / 4P
   2.0 to 22.0 GHz GaAs MMIC Power Amplifer
logo
List of Unclassifed Man...
CMM-2 ETC1-CMM-2 Datasheet
485Kb / 4P
   2.0 TO 6.0 GHz GaAs MMIC AMPLIFIER
logo
Mimix Broadband
CMM0016-BD MIMIX-CMM0016-BD Datasheet
1Mb / 5P
   2.0 to 20.0 GHz GaAs MMIC 1W Power Amplifer
CMM-5-BD MIMIX-CMM-5-BD Datasheet
1Mb / 5P
   2.0-6.0 GHz GaAs MMIC Amplifier
CMM-2 MIMIX-CMM-2 Datasheet
446Kb / 4P
   2.0-6.0 GHz GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
HMC320MS8G HITTITE-HMC320MS8G Datasheet
236Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
M/A-COM Technology Solu...
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier 2.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com