Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZR36016 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZR36016
Description  INTEGRATED COLOR SPACE / RASTER-TO-BLOCK CONVERTER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZR36016 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZR36016 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZR36016 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
Integrated Color Space / Raster-To-Block Converter
YCrCb(4:4:4) to YCrCb(4:2;2). Format convertor #2 can perform
decimation or interpolation of chrominance, while format conver-
tor #1 can perform decimation in compression. In addition, data
passing through format convertor #1 to the raster to block con-
vertor can be decimated globally by 2, vertically and/or
horizontally, to implement half-screen or quarter-screen
compression.
In expansion, format convertor #2 can perform global horizontal
and/or vertical interpolation, as well as interpolation of chromi-
nance components. Its output is multiplexed with the pixel input
bus, so that the pixel output bus contains the expanded data
within a window on the input data. The color space convertor is
switched in or out as required, simultaneously with the multiplex-
ing of its input, so that the color space of the expanded data is
independent of that of the input.
By means of the delay element shown, the processing pipeline
delay from pixel input to output is kept constant even when color
space conversion is bypassed. The input horizontal and vertical
synchronization signals are output after undergoing an identical
delay.
The mode of operation of the ZR36016 and operating parame-
ters are determined by the control registers, which are
programmed from the host interface. There are two modes of
controlling compressions and expansions: single frame mode
and sequential mode. In the single frame mode, the ZR36016
performs the desired process on a single frame (or field in case
of interlaced motion video) and goes idle until explicitly com-
manded to perform another process. In sequential mode, a new
process starts automatically every frame or field if enabled. The
sequential mode is most suitable for motion JPEG.
VIN
Figure 2. ZR36016 Block Diagrams
HIN
PXIN
Delay
VOUT
HOUT
PXOUT
PXOE
Format
Converter #2
Delay
Color Space
Converter
MUX
Format
Converter #1
Sub-Buffer
MDATA
Raster/Block Converter
PXEN
PXCLK
MADD
MWE
MOE
SYSCLK
START
RESET
FBSY
WINDOW
CBSY
COMP
DSYNC
STOP
EOS
BDATA
Control
Registers
DATA
ADD
RD
WR
CS


Similar Part No. - ZR36016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZR36015 ETC-ZR36015 Datasheet
164Kb / 27P
   RASTER TO BLOCK CONVERTER
ZR36015PQC-30 ETC-ZR36015PQC-30 Datasheet
164Kb / 27P
   RASTER TO BLOCK CONVERTER
More results

Similar Description - ZR36016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZR36015 ETC-ZR36015 Datasheet
164Kb / 27P
   RASTER TO BLOCK CONVERTER
logo
Gennum Corporation
GF9103 GENNUM-GF9103 Datasheet
153Kb / 9P
   Over-Sampling Color Space Converter for Video Monitoring
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
   Color Light-To-Digital Converter
logo
ams AG
TCS3490 AMSCO-TCS3490 Datasheet
714Kb / 34P
   Color Light-to-Digital Converter
TCS3471 AMSCO-TCS3471 Datasheet
1Mb / 23P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS3200 TAOS-TCS3200 Datasheet
165Kb / 14P
   COLOR LIGHT-TO-FREQUENCY CONVERTER
TCS3471 TAOS-TCS3471 Datasheet
217Kb / 22P
   COLOR LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TCS3471 AMSCO-TCS3471_V01 Datasheet
571Kb / 38P
   Color Light-to-Digital Converter
2018-Mar-27
logo
TEXAS ADVANCED OPTOELEC...
TCS230 TAOS-TCS230_08 Datasheet
170Kb / 12P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TCS3200 AMSCO-TCS3200 Datasheet
632Kb / 15P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com