Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFRA020 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PFRA020
Description  RESETTABLE FUSES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PFRA020 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PFRA020 Datasheet HTML 1Page - List of Unclassifed Manufacturers PFRA020 Datasheet HTML 2Page - List of Unclassifed Manufacturers PFRA020 Datasheet HTML 3Page - List of Unclassifed Manufacturers PFRA020 Datasheet HTML 4Page - List of Unclassifed Manufacturers PFRA020 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
INDEX BY TYPES | INDEX BY ORDER NUMBERS
RESETTABLE FUSES
P
PF
FR
RA
A
www.schurter.com
C
1.3
Drilling holes
D
Diim
me
en
ns
siio
on
ns
s
O
Orrd
deerr N
Nu
um
mb
beerr
A
A m
maaxx
[[m
mm
m]]
B
B m
maaxx
[[m
mm
m]]
C
C m
miin
n
[[m
mm
m]]
C
C m
maaxx
[[m
mm
m]]
D
D m
miin
n
[[m
mm
m]]
E
E m
maaxx
[[m
mm
m]]
Ø
Ø LLeeaad
d [[m
mm
m]]
T
Teerrm
miin
naallss
PFRA.010
7.4
12.7
4.4
5.8
7.6
3.1
0.51
Tin-Pated NiCu
PFRA.017
7.4
12.7
4.4
5.8
7.6
3.1
0.51
Tin-Plated CuFe
PFRA.020
7.4
12.7
4.4
5.8
7.6
3.1
0.51
Tin-Plated CuFe
PFRA.025
7.4
12.7
4.4
5.8
7.6
3.1
0.51
Tin-Plated CuFe
PFRA.030
7.4
13.4
4.4
5.8
7.6
3.1
0.51
Tin-Plated CuFe
PFRA.040
7.4
13.7
4.4
5.8
7.6
3.1
0.51
Tin-Plated CuFe
PFRA.050
7.9
13.7
4.4
5.8
7.6
3.1
0.51
see variants
PFRA.065
9.7
15.2
4.4
5.8
7.6
3.1
0.51
see variants
PFRA.075
10.4
16
4.4
5.8
7.6
3.1
0.51
see variants
PFRA.090
11.7
16.7
4.4
5.8
7.6
3.1
0.51
see variants
PFRA.110
8.9
14
4.4
5.8
7.6
3
0.51
see variants
PFRA.135
8.9
18.9
4.4
5.8
7.6
3
0.51
see variants
PFRA.160
10.2
16.8
4.4
5.8
7.6
3
0.51
see variants
PFRA.185
12
18.4
4.4
5.8
7.6
3
0.51
see variants
PFRA.250
12
18.3
4.4
5.8
7.6
3
0.81
see variants
PFRA.300
12
18.3
4.4
5.8
7.6
3
0.81
see variants
PFRA.400
14.4
24.8
4.4
5.8
7.6
3
0.81
see variants
PFRA.500
17.4
24.9
9.5
10.9
7.6
3
0.81
see variants
PFRA.600
19.3
31.9
9.5
10.9
7.6
3
0.81
see variants
PFRA.700
22.1
29.8
9.5
10.9
7.6
3
0.81
see variants
PFRA.800
24.2
32.9
9.5
10.9
7.6
3
0.81
see variants
PFRA.900
24.2
32.9
9.5
10.9
7.6
3
0.81
see variants
PFRA.1100
24.2
32.9
9.5
10.9
7.6
3
0.81
see variants


Similar Part No. - PFRA020

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFRA SCHURTER-PFRA Datasheet
491Kb / 4P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA SCHURTER-PFRA Datasheet
338Kb / 5P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA SCHURTER-PFRA Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRA.010 SCHURTER-PFRA.010 Datasheet
491Kb / 4P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA.010 SCHURTER-PFRA.010 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
More results

Similar Description - PFRA020

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HVR600 LITTELFUSE-HVR600 Datasheet
95Kb / 2P
   RESETTABLE FUSES
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
logo
Schurter Inc.
0034.3110 SCHURTER-0034.3110 Datasheet
169Kb / 2P
   Non resettable fuses
logo
Bourns Electronic Solut...
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com