Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFRA050 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PFRA050
Description  RESETTABLE FUSES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PFRA050 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PFRA050 Datasheet HTML 1Page - List of Unclassifed Manufacturers PFRA050 Datasheet HTML 2Page - List of Unclassifed Manufacturers PFRA050 Datasheet HTML 3Page - List of Unclassifed Manufacturers PFRA050 Datasheet HTML 4Page - List of Unclassifed Manufacturers PFRA050 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
INDEX BY TYPES | INDEX BY ORDER NUMBERS
RESETTABLE FUSES
P
PF
FR
RA
A
www.schurter.com
T
Th
he
errm
ma
all D
De
erra
attiin
ng
g C
Ch
ha
arrtt IIh
ho
olld
d // IIttrriip
p [[A
A]]
O
Orrd
deerr N
Nu
um
mb
beerr
--4
40
0 °°C
C
--2
20
0 °°C
C
0
0 °°C
C
2
23
3 °°C
C
4
40
0 °°C
C
5
50
0 °°C
C
6
60
0 °°C
C
7
70
0 °°C
C
8
85
5 °°C
C
PFRA.010
0.16 / 0.32
0.14 / 0.28
0.12 / 0.24
0.1 / 0.2
0.08 / 0.16
0.07 / 0.14
0.06 / 0.12
0.05 / 0.1
0.04 / 0.08
PFRA.017
0.26 / 0.52
0.23 / 0.46
0.2 / 0.4
0.17 / 0.34
0.14 / 0.28
0.12 / 0.24
0.11 / 0.22
0.09 / 0.18
0.07 / 0.14
PFRA.020
0.31 / 0.62
0.27 / 0.54
0.24 / 0.48
0.2 / 0.4
0.16 / 0.32
0.14 / 0.28
0.13 / 0.26
0.11 / 0.22
0.08 / 0.16
PFRA.025
0.39 / 0.78
0.34 / 0.68
0.3 / 0.6
0.25 / 0.5
0.2 / 0.4
0.18 / 0.36
0.16 / 0.32
0.14 / 0.28
0.1 / 0.2
PFRA.030
0.47 / 0.94
0.41 / 0.82
0.36 / 0.72
0.3 / 0.6
0.24 / 0.48
0.22 / 0.44
0.19 / 0.38
0.16 / 0.32
0.12 / 0.24
PFRA.040
0.62 / 1.24
0.54 / 1.08
0.48 / 0.96
0.4 / 0.8
0.32 / 0.64
0.29 / 0.58
0.25 / 0.5
0.22 / 0.44
0.16 / 0.32
PFRA.050
0.78 / 1.56
0.68 / 1.36
0.6 / 1.2
0.5 / 1
0.41 / 0.82
0.36 / 0.72
0.32 / 0.64
0.27 / 0.54
0.2 / 0.4
PFRA.065
1.01 / 2.02
0.88 / 1.76
0.77 / 1.54
0.65 / 1.3
0.53 / 1.06
0.47 / 0.94
0.41 / 0.82
0.35 / 0.7
0.26 / 0.52
PFRA.075
1.16 / 2.32
1.02 / 2.04
0.89 / 1.78
0.75 / 1.5
0.61 / 1.22
0.54 / 1.08
0.47 / 0.94
0.41 / 0.82
0.3 / 0.6
PFRA.090
1.4 / 2.8
1.22 / 2.44
1.07 / 2.14
0.9 / 1.8
0.73 / 1.46
0.65 / 1.3
0.57 / 1.14
0.49 / 0.98
0.36 / 0.72
PFRA.110
1.6 / 3.2
1.43 / 2.86
1.27 / 2.54
/ 2.2
0.91 / 1.82
0.85 / 1.7
0.75 / 1.5
0.67 / 1.34
0.57 / 1.14
PFRA.135
1.96 / 3.92
1.76 / 3.52
1.55 / 3.1
1.35 / 2.7
1.12 / 2.24
1.04 / 2.08
0.92 / 1.84
0.82 / 1.64
0.7 / 1.4
PFRA.160
2.32 / 4.64
2.08 / 4.16
1.84 / 3.68
1.6 / 3.2
1.33 / 2.66
1.32 / 2.46
1.09 / 2.18
0.98 / 1.96
0.83 / 1.66
PFRA.185
2.68 / 5.36
2.41 / 4.82
2.13 / 4.26
1.85 / 3.7
1.54 / 3.08
1.42 / 2.84
1.26 / 2.52
1.13 / 2.26
0.96 / 1.92
PFRA.250
3.63 / 7.26
3.25 / 6.5
2.88 / 5.76
2.5 / 5
2.08 / 4.16
1.93 / 3.86
1.7 / 3.4
1.53 / 3.06
1.3 / 2.6
PFRA.300
4.35 / 8.7
3.9 / 7.8
3.45 / 6.9
3 / 6
2.49 / 4.98
2.31 / 4.62
2.04 / 4.08
1.83 / 3.66
1.56 / 3.12
PFRA.400
5.8 / 11.6
5.2 / 10.4
4.6 / 9.2
4 / 8
3.32 / 6.64
3.08 / 6.16
2.72 / 5.44
2.44 / 4.88
2.08 / 4.16
PFRA.500
7.25 / 14.5
6.5 / 13
5.75 / 11.5
5 / 10
4.15 / 8.3
3.85 / 7.7
3.4 / 6.8
3.05 / 6.1
2.6 / 5.2
PFRA.600
8.7 / 17.4
7.8 / 15.6
6.9 / 13.8
6 / 12
4.98 / 9.96
4.62 / 9.24
4.08 / 8.16
3.66 / 7.32
3.12 / 6.24
PFRA.700
10.1 / 20.3
9.1 / 18.2
8.05 / 16.1
7 / 14
5.81 / 11.6
5.39 / 10.7
4.76 / 9.52
4.27 / 9.44
3.64 / 7.28
PFRA.800
11.6 / 23.2
10.4 / 20.8
9.2 / 18.4
8 / 16
6.64 / 13.2
6.16 / 12.3
5.44 / 10.8
4.88 / 9.76
4.16 / 8.32
PFRA.900
13 / 26.1
11.7 / 23.4
10.3 / 20.7
9 / 18
7.47 / 14.9
6.93 / 12.7
6.12 / 12.2
5.49 / 10.9
4.68 / 9.36
PFRA.1100
16.1 / 32
14.6 / 29.2
13.1 / 26.2
11 / 22
9.4 / 18.4
8.8 / 17.6
7.8 / 15.6
6.9 / 13.8
5.2 / 10.4
E
Elle
ec
cttrriic
ca
all C
Ch
ha
arra
ac
ctte
erriis
sttiic
cs
s
O
Orrd
deerr N
Nu
um
mb
beerr
V
V m
maaxx [[V
VD
DC
C]] II m
maaxx [[A
A]]
II h
hoolld
d [[A
A]]
II ttrriip
p [[A
A]]
R
R iin
niittiiaall m
miin
n
[[m
m
ΩΩ
]]
R
R iin
niittiiaall m
maaxx
[[m
m
ΩΩ
]]
R
R 1
1h
hoou
urr m
maaxx
[[
ΩΩ
]]
M
Maaxx T
Tiim
mee ttoo
ttrriip
p [[A
A]]
M
Maaxx T
Tiim
mee ttoo
T
Trriip
p [[ss]]
T
Trriip
pp
peed
d P
Poow
weerr
D
Diissssiip
paattiioon
n [[W
W]]
PFRA.010
60.0
40
0.1
0.2
2.5
4.5
7.5
0.5
4
0.38
PFRA.017
60.0
40
0.17
0.34
2
3.2
8
0.85
3
0.48
PFRA.020
60.0
40
0.2
0.4
1.5
2.84
4.4
1
2.2
0.40
PFRA.025
60.0
40
0.25
0.5
1
1.95
3
1.25
2.5
0.45
PFRA.030
60.0
40
0.3
0.6
0.76
1.36
2.1
1.5
3
0.50
PFRA.040
60.0
40
0.4
0.8
0.52
0.86
1.29
2
3.8
0.55
PFRA.050
60.0
40
0.5
1
0.41
0.77
1.17
2.5
4
0.75
PFRA.065
60.0
40
0.65
1.3
0.27
0.48
0.72
3.25
5.3
0.90
PFRA.075
60.0
40
0.75
1.5
0.18
0.4
0.6
3.75
6.3
0.90
PFRA.090
60.0
40
0.9
1.8
0.14
0.31
0.47
4.5
7.2
1.00
PFRA.110
30.0
40
2.2
0.1
0.18
0.27
5.5
6.6
0.70
PFRA.135
30.0
40
1.35
2.7
0.065
0.115
0.17
6.75
7.3
0.80
PFRA.160
30.0
40
1.6
3.2
0.055
0.105
0.15
8
8
0.90
PFRA.185
30.0
40
1.85
3.7
0.04
0.07
0.11
9.25
8.7
1.00
PFRA.250
30.0
40
2.5
5
0.025
0.048
0.07
12.5
10.3
1.20
PFRA.300
30.0
40
3
6
0.02
0.05
0.08
15
10.8
2.00
PFRA.400
30.0
40
4
8
0.01
0.03
0.05
20
12.7
2.50
PFRA.500
30.0
40
5
10
0.01
0.03
0.05
25
14.5
3.00
PFRA.600
30.0
40
6
12
0.005
0.02
0.04
30
16
3.50
PFRA.700
30.0
40
7
14
0.005
0.02
0.03
35
17.5
3.80
PFRA.800
30.0
40
8
16
0.005
0.02
0.03
40
18.8
4.00
PFRA.900
30.0
40
9
18
0.005
0.01
0.02
45
20
4.20
PFRA.1100
16.0
100
11
22
0.003
0.01
0.01
40
20
4.50


Similar Part No. - PFRA050

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFRA SCHURTER-PFRA Datasheet
491Kb / 4P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA SCHURTER-PFRA Datasheet
338Kb / 5P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA SCHURTER-PFRA Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRA.010 SCHURTER-PFRA.010 Datasheet
491Kb / 4P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA.010 SCHURTER-PFRA.010 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
More results

Similar Description - PFRA050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HVR600 LITTELFUSE-HVR600 Datasheet
95Kb / 2P
   RESETTABLE FUSES
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
logo
Schurter Inc.
0034.3110 SCHURTER-0034.3110 Datasheet
169Kb / 2P
   Non resettable fuses
logo
Bourns Electronic Solut...
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com