Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78ERD2 Datasheet(PDF) 7 Page - Winbond

Part # W78ERD2
Description  8-BIT MICROCONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78ERD2 Datasheet(HTML) 7 Page - Winbond

Back Button W78ERD2 Datasheet HTML 3Page - Winbond W78ERD2 Datasheet HTML 4Page - Winbond W78ERD2 Datasheet HTML 5Page - Winbond W78ERD2 Datasheet HTML 6Page - Winbond W78ERD2 Datasheet HTML 7Page - Winbond W78ERD2 Datasheet HTML 8Page - Winbond W78ERD2 Datasheet HTML 9Page - Winbond W78ERD2 Datasheet HTML 10Page - Winbond W78ERD2 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
W78ERD2
Publication Release Date: April 20, 2005
- 7 -
Revision A4
6. FUNCTIONAL DESCRIPTION
The W78ERD2 architecture consists of a core controller surrounded by various registers, four general
purpose I/O ports, one special purpose programmable 4-bits I/O port, 256 bytes of RAM, 1K AUX-
RAM, three timer/counters, a serial port and an internal 74373 latch and 74244 buffer which can be
switched to port2. The processor supports 111 different opcodes and references both a 64K program
address space and a 64K data storage space.
6.1 RAM
The internal data RAM in the W78ERD2 is 256 + 1K bytes. It is divided into two banks: 256 bytes of
scratchpad RAM and 1K bytes of AUX-RAM. These RAMs are addressed by different ways.
• RAM 0H − 7FH can be addressed directly and indirectly as the same as in 8051. Address pointers
are
R0 and R1 of the selected register bank.
• RAM 80H − FFH can only be addressed indirectly as the same as in 8051. Address pointers are R0,
R1 of the selected registers bank.
• AUX-RAM 0H −3FFH is addressed indirectly as the same way to access external data memory with
the MOVX instruction. Address pointer are R0 and R1 of the selected register bank and DPTR
register. An access to external data memory locations higher than 3FFH will be performed with the
MOVX instruction in the same way as in the 8051. The AUX-RAM will be enabled after a reset.
Clearing the bit 1 in AUXR register will enable the access to AUX-RAM. When AUX-RAM is enabled
the instructions of "MOVX @Ri" will always access to on-chip AUX-RAM. When executing from
internal program memory, an access to AUX-RAM will not affect the Ports P0, P2, WR and RD .
Example,
ANL
AUXR, #11111101B ; Enable AUX-RAM
MOV
DPTR, #1234H
MOV
A, #56H
MOVX
@DPTR, A
; Write 56h data to external memory at address 1234H
MOV
XRAMAH, #02H
; Only 2 LSB effective
MOV
R0, #34H
MOV
A, @R0
; Read AUX-RAM data at address 0234H
6.2 Timers 0, 1 and 2
Timers 0, 1, and 2 each consist of two 8-bit data registers. These are called TL0 and TH0 for Timer 0,
TL1 and TH1 for Timer 1, and TL2 and TH2 for Timer 2. The TCON and TMOD registers provide
control functions for timers 0, 1. The T2CON register provides control functions for Timer 2. RCAP2H
and RCAP2L are used as reload/capture registers for Timer 2. The operations of Timer 0 and Timer 1
are the same as in the W78C51. Timer 2 is a 16-bit timer/counter that is configured and controlled by
the T2CON register. Like Timers 0 and 1, Timer 2 can operate as either an external event counter or
as an internal timer, depending on the setting of bit C/T2 in T2CON. Timer 2 has three operating
modes: capture, auto-reload, and baud rate generator. The clock speed at capture or auto-reload
mode is the same as that of Timers 0 and 1.


Similar Part No. - W78ERD2

ManufacturerPart #DatasheetDescription
logo
Winbond
W78ERD2 WINBOND-W78ERD2 Datasheet
636Kb / 76P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78ERD2 NUVOTON-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
logo
Winbond
W78ERD2A WINBOND-W78ERD2A Datasheet
636Kb / 76P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78ERD2A NUVOTON-W78ERD2A Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78ERD2

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com