Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFRA900 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PFRA900
Description  RESETTABLE FUSES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PFRA900 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PFRA900 Datasheet HTML 1Page - List of Unclassifed Manufacturers PFRA900 Datasheet HTML 2Page - List of Unclassifed Manufacturers PFRA900 Datasheet HTML 3Page - List of Unclassifed Manufacturers PFRA900 Datasheet HTML 4Page - List of Unclassifed Manufacturers PFRA900 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
INDEX BY TYPES | INDEX BY ORDER NUMBERS
RESETTABLE FUSES
P
PF
FR
RA
A
www.schurter.com
PFRA
1
16
6..0
0 -- 6
60
0..0
0 V
VD
DC
C ·· 0
0..0
05
5 -- 1
11
1 A
A
A
Ap
pp
prro
ov
va
alls
s
- UL File Number: E172175
A
Ap
pp
plliic
ca
attiio
on
ns
s
- Computer & peripherals
- General electronics
- Automotive applications
R
Re
effe
erre
en
nc
ce
es
s
General Product Information
Time-Current Curves see last page
Packaging Details
W
We
eb
blliin
nk
ks
s
Approvals: http://www.schurter.com/approvals
RoHS: http://www.schurter.com/rohs
T
Te
ec
ch
hn
niic
ca
all D
Da
atta
a
V max [VDC]
16.0 - 60.0 VDC
I max [A]
40 - 100 A
I hold [A]
0.05 - 11 A
Fastening
PCB,THT
Allowable operation temp.
-40 °C to 85 °C
Material: Terminals
see variants
Weight
60 g
Stock Conditions
0 °C to 40 °C, max. 70% r.h.
Product Marking
, Type, Current Rating
Soldering Methods
Wave
Solderability
235 °C / 2 sec
Resistance to Soldering Heat
260 °C / 10 sec
Passing Aging
+85 °C, 1000 Hours -> +/- 5% Typical
Resistance Change
Humidity Aging
+85 °C, 85% r.h., 1000 Hours -> +/- 5%
Typical Resistance Change
Thermal Shock
MIL-STD-202F, Method 107G (+125 °C to
-55 °C, 10 Cycles) -> +/- 15% Typical Re-
sistance Change
Vibration
MIL-STD-883C, Method 2007.1, Test
Condition A
Resistance to Solvents
MIL-STD-202, Methode 215
Flammability
UL 94V-0
D
Diim
me
en
ns
siio
on
ns
s
A
E
C
PFRA.010 - PFRA.185
A
C
E
PRFA.250 - PFRA.1100


Similar Part No. - PFRA900

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PFRA SCHURTER-PFRA Datasheet
491Kb / 4P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA SCHURTER-PFRA Datasheet
338Kb / 5P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA SCHURTER-PFRA Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
PFRA.010 SCHURTER-PFRA.010 Datasheet
491Kb / 4P
   Radial Leaded Fuse, PTC, 60 VDC
PFRA.010 SCHURTER-PFRA.010 Datasheet
376Kb / 6P
   Radial Leaded Fuse, PTC, 60 VDC
04.01.2022
More results

Similar Description - PFRA900

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HVR600 LITTELFUSE-HVR600 Datasheet
95Kb / 2P
   RESETTABLE FUSES
logo
Bourns Electronic Solut...
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
   PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
   PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
   PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
   PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
   PTC Resettable Fuses
logo
Schurter Inc.
0034.3110 SCHURTER-0034.3110 Datasheet
169Kb / 2P
   Non resettable fuses
logo
Bourns Electronic Solut...
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
   PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
   PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
   PTC Resettable Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com