Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78ERD2A40PN Datasheet(PDF) 8 Page - Winbond

Part # W78ERD2A40PN
Description  8-BIT MICROCONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78ERD2A40PN Datasheet(HTML) 8 Page - Winbond

Back Button W78ERD2A40PN Datasheet HTML 4Page - Winbond W78ERD2A40PN Datasheet HTML 5Page - Winbond W78ERD2A40PN Datasheet HTML 6Page - Winbond W78ERD2A40PN Datasheet HTML 7Page - Winbond W78ERD2A40PN Datasheet HTML 8Page - Winbond W78ERD2A40PN Datasheet HTML 9Page - Winbond W78ERD2A40PN Datasheet HTML 10Page - Winbond W78ERD2A40PN Datasheet HTML 11Page - Winbond W78ERD2A40PN Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
W78ERD2
- 8 -
6.3 Clock
The W78ERD2 is designed with either a crystal oscillator or an external clock.
6.4 Crystal Oscillator
The W78ERD2 incorporates a built-in crystal oscillator. To make the oscillator work, a crystal must be
connected across pins XTAL1 and XTAL2. In addition, a load capacitor must be connected from each
pin to ground, and a resistor must also be connected from XTAL1 to XTAL2 to provide a DC bias
when the crystal frequency is above 24 MHz.
6.5 External Clock
An external clock should be connected to pin XTAL1. Pin XTAL2 should be left unconnected. The
XTAL1 input is a CMOS-type input, as required by the crystal oscillator. As a result, the external clock
signal should have an input one level of greater than 3.5 volts.
6.6 Power Management
6.6.1 Idle Mode
Setting the IDL bit in the PCON register enters the idle mode. In the idle mode, the internal clock to the
processor is stopped. The peripherals and the interrupt logic continue to be clocked. The processor
will exit idle mode when either an interrupt or a reset occurs.
6.6.2 Power-down Mode
When the PD bit in the PCON register is set, the processor enters the power-down mode. In this mode
all of the clocks are stopped, including the oscillator. To exit from power-down mode is by a hardware
reset or external interrupts INT0 to INT1 when enabled and set to level triggered.
6.7 Reduce EMI Emission
If the crystal frequency is under 25 MHz, please option.b7 is set to 0 by the writer. Please refer option
bits description to operate this bit.
6.8 Reset
The external RESET signal is sampled at S5P2. To take effect, it must be held high for at least two
machine cycles while the oscillator is running. An internal trigger circuit in the reset line is used to
deglitch the reset line when the W78ERD2 is used with an external RC network. The reset logic also
has a special glitch removal circuit that ignores glitches on the reset line. During reset, the ports are
initialized to FFH, the stack pointer to 07H, PCON (with the exception of bit 4) to 00H, and all of the
other SFR registers except SBUF to 00H. SBUF is not reset.


Similar Part No. - W78ERD2A40PN

ManufacturerPart #DatasheetDescription
logo
Winbond
W78ERD2A40PL WINBOND-W78ERD2A40PL Datasheet
636Kb / 76P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78ERD2A40PL NUVOTON-W78ERD2A40PL Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78ERD2A40PN

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com