Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV8011T Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV8011T
Description  8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV8011T Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV8011T Datasheet HTML 1Page - ATMEL Corporation AT49BV8011T Datasheet HTML 2Page - ATMEL Corporation AT49BV8011T Datasheet HTML 3Page - ATMEL Corporation AT49BV8011T Datasheet HTML 4Page - ATMEL Corporation AT49BV8011T Datasheet HTML 5Page - ATMEL Corporation AT49BV8011T Datasheet HTML 6Page - ATMEL Corporation AT49BV8011T Datasheet HTML 7Page - ATMEL Corporation AT49BV8011T Datasheet HTML 8Page - ATMEL Corporation AT49BV8011T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Features
Single Supply for Read and Write: 2.7V to 3.3V (BV), 3.0V to 3.3V (LV)
Access Time – 90 ns
Sector Erase Architecture
Fourteen 32K Word (64K Byte) Sectors with Individual Write Lockout
Two 16K Word (32K Byte) Sectors with Individual Write Lockout
Two 8K Word (16K Byte) Sectors with Individual Write Lockout
Four 4K Word (8K Byte) Sectors with Individual Write Lockout
Fast Word Program Time – 20 µs
Fast Sector Erase Time – 200 ms
Dual Plane Organization, Permitting Concurrent Read while Program/Erase
Memory Plane A: Four 4K Word, Two 8K Word and Two 16K Word Sectors
Memory Plane B: Fourteen 32K Word Sectors
Erase Suspend Capability
– Supports Reading/Programming Data from Any Sector by Suspending Erase of
Any Different Sector
Low-power Operation
– 25 mA Active
– 10 µA Standby
Data Polling, Toggle Bit, Ready/Busy for End of Program Detection
Optional VPP Pin for Fast Programming
RESET Input for Device Initialization
Sector Program Unlock Command
TSOP and CBGA Package Options
Top or Bottom Boot Block Configuration Available
Description
The AT49BV/LV8011(T) is a 2.7- to 3.3-volt 8-megabit Flash memory organized as
524,288 words of 16 bits each or 1,048,576 bytes of 8 bits each. The x16 data
appears on I/O0 - I/O15; the x8 data appears on I/O0 - I/O7. The memory is divided
into 22 sectors for erase operations. The device is offered in 48-pin TSOP and 48-ball
CBGA packages. The device has CE, and OE control signals to avoid any bus
Rev. 1265E–01/00
8-megabit
(512K x 16/1M x 8)
3-volt Only
Flash Memory
AT49BV8011
AT49BV8011T
AT49LV8011
AT49LV8011T
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
RDY/BUSY
READY/BUSY Output
VPP
Optional Power Supply for Faster
Program/Erase Operations
I/O0 - I/O14
Data Inputs/Outputs
I/O15 (A-1)
I/O15 (Data Input/Output, Word Mode)
A-1 (LSB Address Input, Byte Mode)
BYTE
Selects Byte or Word Mode
NC
No Connect
VCCQ
Output Power Supply
(continued)


Similar Part No. - AT49BV8011T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A-70CI ATMEL-AT49BV802A-70CI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A-70TI ATMEL-AT49BV802A-70TI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802AT ATMEL-AT49BV802AT Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802AT-70CI ATMEL-AT49BV802AT-70CI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV8011T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com