Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS-932MM Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ADS-932MM
Description  16-Bit, 2MHz Sampling A/D Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ADS-932MM Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ADS-932MM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-932MM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-932MM Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-932MM Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-932MM Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-932MM Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-932MM Datasheet HTML 8Page - List of Unclassifed Manufacturers ADS-932MM Datasheet HTML 9Page - List of Unclassifed Manufacturers ADS-932MM Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ADS-932
®
®
®
®
INNOV A TION and EX CELLENCE
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000,
(800) 233-2756
Fax: (508) 339-6356
Internet: www.datel.com
E-mail: sales@datel.com
Data sheet fax back: (508) 261-2857
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH Munchen, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025
DS-0308A
01/2000
MECHANICAL DIMENSIONS INCHES (mm)
ORDERING INFORMATION
OPERATING
MODEL
TEMP. RANGE
ADS-932MC
0 to +70°C
ADS-932MM
–55 to +125°C
Receptacles for PC board mounting can be ordered through AMP, Inc., Part # 3-331272-8 (Component Lead
Socket), 40 required. For MIL-STD-883 product, or surface mount packaging, contact DATEL.
ACCESSORIES
ADS-B932
Evaluation Board (without ADS-932)
HS-40
Heat Sink for all ADS-932 models
PIN 1 INDEX
(
ON TOP)
2.12/2.07
(53.85/52.58)
0.018 ±0.002
(0.457)
0.100 TYP.
(2.540)
0.110/0.090
(2.794/2.286)
SEATING
PLANE
0.035/0.015
(0.889/0.381)
0.200/0.175
(5.080/4.445)
0.245 MAX.
(6.223)
0.210 MAX.
(5.334)
0.045/0.035
(1.143/0.889)
1.11/1.08
(28.20/27.43)
1
20
21
40
1.900 ±0.008
(48.260)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.015/0.009
(0.381/0.229)
0.900 ±0.010
(22.86)
0.110/0.090
(2.794/2.286
ISO 9001
ISO 9001
REGISTERED
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH Munchen, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025
Receptacles for PC board mounting can be ordered through AMP, Inc., Part # 3-331272-8 (Component Lead
Socket), 40 required. For MIL-STD-883 product, or surface mount packaging, contact DATEL.
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025


Similar Part No. - ADS-932MM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-932MM MURATA-PS-ADS-932MM Datasheet
166Kb / 11P
   16-Bit, 2MHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-932MM DATEL-ADS-932MM Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-932MM-C DATEL-ADS-932MM-C Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-932MM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-932 MURATA-PS-ADS-932 Datasheet
166Kb / 11P
   16-Bit, 2MHz Sampling A/D Converters
ADS-942 MURATA-PS-ADS-942 Datasheet
79Kb / 6P
   14-Bit, 2MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS929 ETC-ADS929 Datasheet
190Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-919 MURATA-PS-ADS-919 Datasheet
187Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-929 MURATA-PS-ADS-929 Datasheet
192Kb / 8P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-942A ETC1-ADS-942A Datasheet
76Kb / 6P
   14-Bit, 2MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-117 MURATA-PS-ADS-117 Datasheet
153Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com