Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV8011-12TC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT49BV8011-12TC
Description  8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV8011-12TC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT49BV8011-12TC Datasheet HTML 3Page - ATMEL Corporation AT49BV8011-12TC Datasheet HTML 4Page - ATMEL Corporation AT49BV8011-12TC Datasheet HTML 5Page - ATMEL Corporation AT49BV8011-12TC Datasheet HTML 6Page - ATMEL Corporation AT49BV8011-12TC Datasheet HTML 7Page - ATMEL Corporation AT49BV8011-12TC Datasheet HTML 8Page - ATMEL Corporation AT49BV8011-12TC Datasheet HTML 9Page - ATMEL Corporation AT49BV8011-12TC Datasheet HTML 10Page - ATMEL Corporation AT49BV8011-12TC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AT49BV/LV8011(T)
7
AT49BV/LV8011 – Sector Address Table
Plane
Sector
Size (Bytes/Words)
x8
Address Range (A18 - A-1)
x16
Address Range (A18 - A0)
A
SA0
16K/8K
000000 - 003FFF
00000 - 01FFF
A
SA1
32K/16K
004000 - 00BFFF
02000 - 05FFF
A
SA2
8K/4K
00C000 - 00DFFF
06000 - 06FFF
A
SA3
8K/4K
00E000 - 00FFFF
07000 - 07FFF
A
SA4
8K/4K
010000 - 011FFF
08000 - 08FFF
A
SA5
8K/4K
012000 - 013FFF
09000 - 09FFF
A
SA6
32K/16K
014000 - 018FFF
0A000 - 0DFFF
A
SA7
16K/8K
01C000 - 01FFFF
0E000 - 0FFFF
B
SA8
64K/32K
020000 - 02FFFF
10000 - 17FFF
B
SA9
64K/32K
030000 - 03FFFF
18000 - 1FFFF
B
SA10
64K/32K
040000 - 04FFFF
20000 - 27FFF
B
SA11
64K/32K
050000 - 05FFFF
28000 - 2FFFF
B
SA12
64K/32K
060000 - 06FFFF
30000 - 37FFF
B
SA13
64K/32K
070000 - 07FFFF
38000 - 3FFFF
B
SA14
64K/32K
080000 - 08FFFF
40000 - 47FFF
B
SA15
64K/32K
090000 - 09FFFF
48000 - 4FFFF
B
SA16
64K/32K
0A0000 - 0AFFFF
50000 - 57FFF
B
SA17
64K/32K
0B0000 - 0BFFFF
58000 - 5FFFF
B
SA18
64K/32K
0C0000 - 0CFFFF
60000 - 67FFF
B
SA19
64K/32K
0D0000 - 0DFFFF
68000 - 6FFFF
B
SA20
64K/32K
0E0000 - 0EFFFF
70000 - 77FFF
B
SA21
64K/32K
0F0000 - 0FFFFF
78000 - 7FFFF


Similar Part No. - AT49BV8011-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A-70CI ATMEL-AT49BV802A-70CI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A-70TI ATMEL-AT49BV802A-70TI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802AT ATMEL-AT49BV802AT Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802AT-70CI ATMEL-AT49BV802AT-70CI Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV8011-12TC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV008 ATMEL-AT49BV008 Datasheet
117Kb / 12P
   8-Megabit 1M x 8 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV162A ATMEL-AT49BV162A Datasheet
288Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49BV163D ATMEL-AT49BV163D Datasheet
524Kb / 27P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV163AT-70TU ATMEL-AT49BV163AT-70TU Datasheet
532Kb / 29P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com