Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2910A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # C2910A
Description  Microprogram Controller Megafunction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C2910A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  C2910A Datasheet HTML 1Page - List of Unclassifed Manufacturers C2910A Datasheet HTML 2Page - List of Unclassifed Manufacturers C2910A Datasheet HTML 3Page - List of Unclassifed Manufacturers C2910A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CAST C2910A Megafunction Datasheet
Functional Description
The C2910A megafunction is partitioned into modules as shown above and described below.
Multiplexer
The four-input multiplexer is used to select either the register/counter, direct input, microprogram counter, or
stack as the source of the next microinstruction address.
Register Counter
This block consists of 12 D-type, edge-triggered flip-flops, with a common enable. When its load control,
RLDN is low, new data is loaded on a positive clock transition. The output of the register/counter is available
to the multiplexer as a source for the next microinstruction address. The direct input furnishes a source of
data for loading the register/counter.
Microcontroller Counter/Register (
µPC)
This block consists of a 12-bit incrementer followed by a 12-bit register. The
µPC can be used in either of two
ways: When the carry-in to the incrementer is high, the microprogram register is loaded on the next clock
cycle with the current Y output word plus one (Y + 1
→ µPC). Sequential microinstructions are thus executed.
When the carry-in is low, the incrementer passes the Y output word unmodified so that
µPC is reloaded with
the same Y word on the next clock cycle (Y
→ µPC). The same microinstruction is thus executed any number
of times.
Stack
This 9-word by 12-bit stack is used to provide return address linkage when executing microsubroutines or
loops. The stack contains a built-in stack pointer which always points to the last word written. This allows
stack reference operations (looping) to be performed without a pop.
Instruction Decoder
This block decodes the incoming instruction and generates the appropriate control signals for all the other
blocks. The instruction decoder block also generates the outputs PLN, MAPN, and VECTN
Verification Methods
The C2910A megafunction’s functionality was verified by means of a proprietary hardware modeler. The same
stimulus was applied to a hardware model which contained the original AMD 2910A chip, and the results
compared with the megafunction’s simulation outputs.
Device Utilization & Performance
Supported
Device
Utilization
Performance
Family
Tested
LEs
Memory
Memory bits
Fmax
Cyclone
EP1C20-6
294
0
0
139 MHz
Stratix
EP1S20-5
294
0
0
138 MHz
Stratix-II
EP2S60-3
232
0
0
148 MHz
CAST, Inc.
Page 3


Similar Part No. - C2910A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C291E NJSEMI-C291E Datasheet
192Kb / 2P
   RMS Forward Current, On-State
C291M NJSEMI-C291M Datasheet
192Kb / 2P
   RMS Forward Current, On-State
C291N NJSEMI-C291N Datasheet
192Kb / 2P
   RMS Forward Current, On-State
C291P NJSEMI-C291P Datasheet
192Kb / 2P
   RMS Forward Current, On-State
C291PA NJSEMI-C291PA Datasheet
192Kb / 2P
   RMS Forward Current, On-State
More results

Similar Description - C2910A

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA2910A INNOVASIC-IA2910A_08 Datasheet
681Kb / 21P
   Microprogram Controller
IA2910A INNOVASIC-IA2910A Datasheet
162Kb / 19P
   Microprogram Controller
logo
List of Unclassifed Man...
C6845 ETC2-C6845 Datasheet
265Kb / 6P
   CRT Controller Megafunction
MA2910 ETC1-MA2910 Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
C2901 ETC2-C2901 Datasheet
226Kb / 4P
   4-bit Microprocessor Slice Megafunction
MA2909 ETC1-MA2909 Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
logo
Advanced Micro Devices
AM2911A AMD-AM2911A Datasheet
1Mb / 28P
   MICROPROGRAM SEQUENCER BLOCK DIAGRAM
logo
List of Unclassifed Man...
CZ80CPU ETC1-CZ80CPU Datasheet
124Kb / 5P
   8-Bit Microprocessor Megafunction
C8254 ETC-C8254 Datasheet
290Kb / 6P
   PROGRAMMABLE TIMER /COUNTER MEGAFUNCTION
C32025 ETC1-C32025 Datasheet
235Kb / 9P
   Digital Signal Processor Megafunction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com