Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFMG40 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFMG40
Description  POWER MOSFET THRU-HOLE 1000V, N-CHANNEL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFMG40 Datasheet(HTML) 6 Page - International Rectifier

  IRFMG40 Datasheet HTML 1Page - International Rectifier IRFMG40 Datasheet HTML 2Page - International Rectifier IRFMG40 Datasheet HTML 3Page - International Rectifier IRFMG40 Datasheet HTML 4Page - International Rectifier IRFMG40 Datasheet HTML 5Page - International Rectifier IRFMG40 Datasheet HTML 6Page - International Rectifier IRFMG40 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRFMG40
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R )D S S
I AS
R G
IAS
0.0 1
tp
D.U .T
L
V DS
+
-
VDD
DR IV E R
A
15V
20V
1
0
.


Similar Part No. - IRFMG40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFMG40 IRF-IRFMG40 Datasheet
480Kb / 7P
   Simple Drive Requirements
IRFMG40 IRF-IRFMG40_15 Datasheet
480Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFMG40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFMG50 IRF-IRFMG50 Datasheet
137Kb / 7P
   POWER MOSFET 1000V, N-CHANNEL THRU-HOLE (TO-254AA)
IRHY7G30CMSE IRF-IRHY7G30CMSE Datasheet
110Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA) 1000V, N-CHANNEL RAD Hard??HEXFET TECHNOLOGY
logo
Unisonic Technologies
9N100 UTC-9N100 Datasheet
184Kb / 5P
   9A, 1000V N-CHANNEL POWER MOSFET
4N100-FC UTC-4N100-FC Datasheet
621Kb / 9P
   null4.0A, 1000V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
622Kb / 9P
   1000V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N100 KERSEMI-KSMD2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
KSMU2N100 KERSEMI-KSMU2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA8N100C FAIRCHILD-FQA8N100C Datasheet
693Kb / 8P
   1000V N-Channel MOSFET
FQH8N100C FAIRCHILD-FQH8N100C Datasheet
998Kb / 8P
   1000V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com