Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95235 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM95235
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM95235 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM95235 Datasheet HTML 7Page - National Semiconductor (TI) LM95235 Datasheet HTML 8Page - National Semiconductor (TI) LM95235 Datasheet HTML 9Page - National Semiconductor (TI) LM95235 Datasheet HTML 10Page - National Semiconductor (TI) LM95235 Datasheet HTML 11Page - National Semiconductor (TI) LM95235 Datasheet HTML 12Page - National Semiconductor (TI) LM95235 Datasheet HTML 13Page - National Semiconductor (TI) LM95235 Datasheet HTML 14Page - National Semiconductor (TI) LM95235 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
1.0 Functional Description (Continued)
1.5 TEMPERATURE DATA FORMAT
Temperature data can only be read from the Local and
Remote Temperature registers.
Remote temperature data with the digital filter off is repre-
sented by an 10-bit plus sign, two’s complement word and
11-bit unsigned binary word with an LSb (Least Significant
Bit) equal to 0.125˚C. The data format is a left justified 16-bit
word available in two 8-bit registers. Unused bits report "0".
Remote temperature data with the digital filter on is repre-
sented by a 12-bit plus sign, two’s complement word and
13-bit unsigned binary word with an LSb (Least Significant
Bit) equal to 0.03125˚C (1/32˚C). The data format is a left
justified 16-bit word available in two 8-bit registers. Unused
bits report "0".
11-bit, 2’s complement (10-bit plus sign)
Temperature
Digital Output
Binary
Hex
+125˚C
0111 1101 0000 0000
7D00h
+25˚C
0001 1001 0000 0000
1900h
+1˚C
0000 0001 0000 0000
0100h
+0.125˚C
0000 0000 0010 0000
0020h
0˚C
0000 0000 0000 0000
0000h
−0.125˚C
1111 1111 1110 0000
FFE0h
−1˚C
1111 1111 0000 0000
FF00h
−25˚C
1110 0111 0000 0000
E700h
−55˚C
1100 1001 0000 0000
C900h
11-bit, unsigned binary
Temperature
Digital Output
Binary
Hex
+255.875˚C
1111 1111 1110 0000
FFE0h
+255˚C
1111 1111 0000 0000
FF00h
+201˚C
1100 1001 0000 0000
C900h
+125˚C
0111 1101 0000 0000
7D00h
Temperature
Digital Output
Binary
Hex
+25˚C
0001 1001 0000 0000
1900h
+1˚C
0000 0001 0000 0000
0100h
+0.125˚C
0000 0000 0010 0000
0020h
0˚C
0000 0000 0000 0000
0000h
13-bit, 2’s complement (12-bit plus sign)
Temperature
Digital Output
Binary
Hex
+125˚C
0111 1101 0000 0000
7D00h
+25˚C
0001 1001 0000 0000
1900h
+1˚C
0000 0001 0000 0000
0100h
+0.03125˚C
0000 0000 0000 1000
0008h
0˚C
0000 0000 0000 0000
0000h
−0.03125˚C
1111 1111 1111 1000
FFF8h
−1˚C
1111 1111 0000 0000
FF00h
−25˚C
1110 0111 0000 0000
E700h
−55˚C
1100 1001 0000 0000
C900h
13-bit, unsigned binary
Temperature
Digital Output
Binary
Hex
+255.875˚C
1111 1111 1110 0000
FFE0h
+255˚C
1111 1111 0000 0000
FF00h
+201˚C
1100 1001 0000 0000
C900h
+125˚C
0111 1101 0000 0000
7D00h
+25˚C
0001 1001 0000 0000
1900h
+1˚C
0000 0001 0000 0000
0100h
+0.03125˚C
0000 0000 0000 1000
0008h
0˚C
0000 0000 0000 0000
0000h
Local Temperature data is represented by a 10-bit plus sign,
two’s complement word with an LSb (Least Significant Bit)
equal to 0.125˚C. The data format is a left justified 16-bit
word available in two 8-bit registers. Unused bits will always
report
"0".
Local
temperature
readings
greater
than
+127.875˚C are clamped to +127.875˚C, they will not roll-
over to negative temperature readings.
11-bit, 2’s complement (10-bit plus sign)
Temperature
Digital Output
Binary
Hex
+125˚C
0111 1101 0000 0000
7D00h
+25˚C
0001 1001 0000 0000
1900h
+1˚C
0000 0001 0000 0000
0100h
+0.125˚C
0000 0000 0010 0000
0020h
0˚C
0000 0000 0000 0000
0000h
−0.125˚C
1111 1111 1110 0000
FFE0h
−1˚C
1111 1111 0000 0000
FF00h
−25˚C
1110 0111 0000 0000
E700h
−55˚C
1100 1001 0000 0000
C900h
20174927
FIGURE 3. Digital Filter Response in a typical Intel
processor on a 65 nm or 90 nm process. The filter
curves were purposely offset for clarity.
www.national.com
11


Similar Part No. - LM95235

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235 TI-LM95235 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235-Q1 TI-LM95235-Q1 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235CIMM NSC-LM95235CIMM Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235CIMM/NOPB TI-LM95235CIMM/NOPB Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results

Similar Description - LM95235

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com