Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMF128K8-60DEM5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WMF128K8-60DEM5
Description  128Kx8 MONOLITHIC FLASH, SMD 5962-96690
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMF128K8-60DEM5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WMF128K8-60DEM5 Datasheet HTML 1Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 2Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 3Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 4Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 5Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 6Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 7Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 8Page - List of Unclassifed Manufacturers WMF128K8-60DEM5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WMF128K8-XXX5
ABSOLUTE MAXIMUM RATINGS (1)
NOTES:
1. Stresses above the absolute maximum rating may cause permanent damage
to the device. Extended operation at the maximum levels may degrade
performance and affect reliability.
2. Minimum DC voltage on input or I/O pins is -0.5V. During voltage transitions,
inputs may overshoot VSS to -2.0 V for periods of up to 20ns. Maximum DC
voltage on output and I/O pins is VCC + 0.5V. During voltage transitions,
outputs may overshoot to Vcc + 2.0 V for periods of up to 20ns.
3. Minimum DC input voltage on A9 pin is -0.5V. During voltage transitions, A9 may
overshoot Vss to -2V for periods of up to 20ns. Maximum DC input voltage on A9
is +13.5V which may overshoot to 14.0 V for periods up to 20ns.
DC CHARACTERISTICS - CMOS COMPATIBLE
(VCC = 5.0V, VSS = 0V, TA = -55
°C to +125°C)
Parameter
Unit
Operating Temperature
-55 to +125
°C
Supply Voltage Range (VCC)
-2.0 to +7.0
V
Signal voltage range (any pin except A9) (2)
-2.0 to +7.0
V
Storage Temperature Range
-65 to +150
°C
Lead Temperature (soldering, 10 seconds)
+300
°C
Data Retention Mil Temp
10
years
Endurance (write/erase cycles) Mil Temp
10,000 min.
cycles
A9 Voltage for sector protect (VID) (3)
-2.0 to +14.0
V
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
VCC = 5.5, VIN = GND to VCC
10
µA
VCC Active Current for Read (1)
ICC1
CS = VIL, OE = VIH
35
mA
VCC Active Current for Program
ICC2
CS = VIL, OE = VIH
50
mA
or Erase (2)
VCC Standby Current
ICC3
VCC = 5.5, CS = VIH, f = 5MHz
1.6
mA
Output Low Voltage
VOL
IOL = 8.0 mA, VCC = 4.5
0.45
V
Output High Voltage
VOH1
IOH = -2.5 mA, VCC = 4.5
0.85 x VCC
V
Output High Voltage
VOH2
IOH = -100
µA, VCC = 4.5
VCC - 0.4
V
Low VCC Lock Out Voltage
VLKO
3.2
V
CAPACITANCE
(TA = +25
°C)
Parameter
Symbol
Conditions
Max
Unit
Address Input capacitance
CAD
VI/O = 0 V, f = 1.0 MHz
15
pF
Output Enable capacitance
COE
VIN = 0 V, f = 1.0 MHz
15
pF
Write Enable capacitance
CWE
VIN = 0 V, f = 1.0 MHz
15
pF
Chip Select capacitance
CCS
VIN = 0 V, f = 1.0 MHz
15
pF
Data I/O capacitance
CI/O
VI/O = 0 V, f = 1.0 MHz
15
pF
This parameter is guaranteed by design but not tested.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.0
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
Operating Temp. (Ind.)
TA
-40
+85
°C
A9 Voltage for Sector Protect
VID
11.5
12.5
V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component (at 5 MHz).
The frequency component typically is less than 2 mA/MHz, with OE at VIH.
2. ICC active while Embedded Algorithm (program or erase) is in progress.
3. DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V
AC TEST CIRCUIT
AC TEST CONDITIONS
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V


Similar Part No. - WMF128K8-60DEM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMF128K8-60DEM5 WEDC-WMF128K8-60DEM5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WMF128K8-60DEM5A WEDC-WMF128K8-60DEM5A Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
More results

Similar Description - WMF128K8-60DEM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com