Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT1826-533-055-D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKT1826-533-055-D
Description  Metallized Polyester Film Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1826-533-055-D Datasheet(HTML) 2 Page - Vishay Siliconix

  MKT1826-533-055-D Datasheet HTML 1Page - Vishay Siliconix MKT1826-533-055-D Datasheet HTML 2Page - Vishay Siliconix MKT1826-533-055-D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
55
MKT 1826
Vishay Roederstein
Document Number 26007
Revision 11-Jun-02
For technical questions, contact dc-film@vishay.com
Metallized Polyester, Quality Assess.: IEC 60384-2, CECC 30 401-059
DISSIPATION FACTOR TAN
δδδδδ
MEASURED AT
C
0.1µF
0.1
µF < C 1.0µF
C > 1.0
µF
1kHz
8 x 10-3
8 x 10-3
10 x 10-3
10kHz
15 x 10-3
15 x 10-3
100kHz
25 x 10-3
——
Maximum values
CAPACITANCE CAPACITANCE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
CODE
CODE 04
CODE 05
CODE 06
CODE 01
CODE 25*
40 VDC/
50 VDC/
63 VDC/
100 VDC/
250 VDC/
25 VAC
30 VAC
40 VAC
63 VAC
160 VAC
WH
L
W
H
L
W
H
L
W
H
L
W
H
L
1000 pF
- 210
2.5
6.5
7.2
2.5
6.5
7.2
1500 pF
- 215
2.5
6.5
7.2
2.5
6.5
7.2
2200 pF
- 222
2.5
6.5
7.2
2.5
6.5
7.2
3300 pF
- 233
2.5
6.5
7.2
2.5
6.5
7.2
4700 pF
- 247
2.5
6.5
7.2
2.5
6.5
7.2
6800 pF
- 268
2.5
6.5
7.2
2.5
6.5
7.2
0.01
µF
- 310
2.5
6.5
7.2
2.5
6.5
7.2
0.015
µF
- 315
2.5
6.5
7.2
2.5
6.5
7.2
0.022
µF
- 322
2.5
6.5
7.2
2.5
6.5
7.2
0.033
µF
- 333
2.5
6.5
7.2
3.0
7.5
7.2
0.047
µF
- 347
2.5
6.5
7.2
3.5
8.5
7.2
0.068
µF
- 368
2.5
6.5
7.2
4.5
9.5
7.2
0.10
µF
- 410
2.5
6.5
7.2
2.5
6.5
7.2
4.5
9.5
7.2
0.15
µF
- 415
2.5
6.5
7.2
3.0
7.5
7.2
5.5
11.5 7.2
0.22
µF
- 422
2.5
6.5
7.2
3.5
8.5
7.2
0.33
µF
- 433
3.0
7.5
7.2
4.5
9.5
7.2
0.47
µF
- 447
3.5
8.5
7.2
4.5
9.5
7.2
0.68
µF
- 468
4.5
9.5
7.2
5.5
11.5
7.2
1.0
µF
- 510
5.0
10.5
7.2
7.2
13.0
7.2
1.5
µF
- 515
——
5.5
11.5
7.2
——
———
2.2
µF
- 522
7.2
13.0
7.2
3.3
µF
- 533
7.2
13.0
7.2
4.7
µF*
- 547
7.2
13.0
7.2
Further C-values on request.
*CECC approval in preparation.
RECOMMENDED PACKAGING
LETTER
TYPE OF
HEIGHT (H)
REEL DIAMETER
ORDERING CODE
PCM
CODE
PACKAGING
(mm)
(mm)
EXAMPLE
5
D
AMMO
16.5
S*
MKT 1826-533-055-D
X
G
AMMO
18.5
S*
MKT 1826-533-055-G
X
F
REEL
16.5
350
MKT 1826-533-055-F
X
W
REEL
18.5
350
MKT 1826-533-055-W
X
BULK
MKT 1826-533-055
X
*S = box size 55 x 210 x 340mm (W x H x L).


Similar Part No. - MKT1826-533-055-D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1820 VISHAY-MKT1820 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1820 VISHAY-MKT1820 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-410 VISHAY-MKT1820-410 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1820-410/405-G VISHAY-MKT1820-410/405-G Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-410/405-W VISHAY-MKT1820-410/405-W Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
More results

Similar Description - MKT1826-533-055-D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com