Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD116122 Datasheet(PDF) 3 Page - Sensitron

Part # SHD116122
Description  HERMETIC SCHOTTKY POWER RECTIFIER Low Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD116122 Datasheet(HTML) 3 Page - Sensitron

  SHD116122 Datasheet HTML 1Page - Sensitron SHD116122 Datasheet HTML 2Page - Sensitron SHD116122 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 221 West Industry Court • Deer Park, NY 11729-4681 • Phone (631) 586-7600 • Fax (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4032, REV. A
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - VF (V)
100
101
Typical Forward Characteristics
125 °C
175 °C
25 °C
0
1020
304050
Reverse Voltage - VR (V)
10-3
10-2
10-1
100
101
102
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
175 °C
0
10203040
50
Reverse Voltage - VR (V)
100
150
200
250
300
350
400
Typical Junction Capacitance
VF @ 1A -55°C typical = 0.52V
SHD116122
SHD116122B


Similar Part No. - SHD116122

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD116123 SENSITRON-SHD116123 Datasheet
146Kb / 2P
   HERMETIC SCHOTTKY POWER RECTIFIER Low Voltage Drop
SHD116123B SENSITRON-SHD116123B Datasheet
146Kb / 2P
   HERMETIC SCHOTTKY POWER RECTIFIER Low Voltage Drop
More results

Similar Description - SHD116122

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115512 SENSITRON-SHD115512 Datasheet
158Kb / 3P
   HERMETIC SCHOTTKY POWER RECTIFIER Low Voltage Drop
SHD116123 SENSITRON-SHD116123 Datasheet
146Kb / 2P
   HERMETIC SCHOTTKY POWER RECTIFIER Low Voltage Drop
SHD115122 SENSITRON-SHD115122 Datasheet
156Kb / 3P
   HERMETIC SCHOTTKY POWER RECTIFIER Low Voltage Drop
SHD116022 SENSITRON-SHD116022 Datasheet
160Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117211 SENSITRON-SHD117211 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120012P SENSITRON-SHD120012P Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD126046 SENSITRON-SHD126046 Datasheet
83Kb / 3P
   VERY LOW VOLTAGE DROP HERMETIC POWER SCHOTTKY RECTIFIER
SHD117245 SENSITRON-SHD117245 Datasheet
74Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD115524 SENSITRON-SHD115524_11 Datasheet
60Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD125613 SENSITRON-SHD125613_08 Datasheet
47Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com