Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMF128K8-90CC5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WMF128K8-90CC5
Description  128Kx8 MONOLITHIC FLASH, SMD 5962-96690
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMF128K8-90CC5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WMF128K8-90CC5 Datasheet HTML 1Page - List of Unclassifed Manufacturers WMF128K8-90CC5 Datasheet HTML 2Page - List of Unclassifed Manufacturers WMF128K8-90CC5 Datasheet HTML 3Page - List of Unclassifed Manufacturers WMF128K8-90CC5 Datasheet HTML 4Page - List of Unclassifed Manufacturers WMF128K8-90CC5 Datasheet HTML 5Page - List of Unclassifed Manufacturers WMF128K8-90CC5 Datasheet HTML 6Page - List of Unclassifed Manufacturers WMF128K8-90CC5 Datasheet HTML 7Page - List of Unclassifed Manufacturers WMF128K8-90CC5 Datasheet HTML 8Page - List of Unclassifed Manufacturers WMF128K8-90CC5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
HI-RELIABILITY PRODUCT
WMF128K8-XXX5
128Kx8 MONOLITHIC FLASH, SMD 5962-96690
FEATURES
s Access Times of 50*, 60, 70, 90, 120, 150ns
s Packaging
• 32 lead, Hermetic Ceramic, 0.400" SOJ (Package 101)
• 32 pin, Hermetic Ceramic, 0.600" DIP (Package 300)
• 32 lead, Flatpack (Package 220)
• 32 lead, Formed Flatpack (Package 221)
• 32 pin, Rectangular Ceramic Leadless Chip Carrier
(Package 601)
s 100,000 Erase/Program Cycles Minimum
s Sector Erase Architecture
• 8 equal size sectors of 16KBytes each
• Any combination of sectors can be concurrently
erased. Also supports full chip erase
PIN CONFIGURATION FOR WMF128K8-XXX5
A0-16
Address Inputs
I/O0-7
Data Input/Output
CS
Chip Select
OE
Output Enable
WE
Write Enable
VCC
+5.0V Power
VSS
Ground
PIN DESCRIPTION
TOP VIEW
32 DIP
32 CSOJ
32 FLATPACK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
VCC
WE
NC
A14
A13
A8
A9
A11
OE
A10
CS
I/O7
I/O6
I/O5
I/O4
I/O3
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
4321 32 31 30
14 15 16 17 18 19 20
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
A14
A13
A8
A9
A11
OE
A10
CS
I/O7
PIN CONFIGURATION FOR WMF128K8-XCLX5
TOP VIEW
32 CLCC
s Organized as 128Kx8
s Commercial, Industrial and Military Temperature Ranges
s 5 Volt Programming. 5V
± 10% Supply.
s Low Power CMOS
s Embedded Erase and Program Algorithms
s TTL Compatible Inputs and CMOS Outputs
s Page Program Operation and Internal Program Control Time.
Note: For programming information refer to Flash Programming 1M5
Application Note.
* The access time of 50ns is available in Industrial and Commercial
temperature ranges only.
April 2001 Rev. 5


Similar Part No. - WMF128K8-90CC5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMF128K8-90CC5 WEDC-WMF128K8-90CC5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WMF128K8-90CC5A WEDC-WMF128K8-90CC5A Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
More results

Similar Description - WMF128K8-90CC5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com