Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMF128K8-120FFC5 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WMF128K8-120FFC5
Description  128Kx8 MONOLITHIC FLASH, SMD 5962-96690
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMF128K8-120FFC5 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WMF128K8-120FFC5 Datasheet HTML 1Page - List of Unclassifed Manufacturers WMF128K8-120FFC5 Datasheet HTML 2Page - List of Unclassifed Manufacturers WMF128K8-120FFC5 Datasheet HTML 3Page - List of Unclassifed Manufacturers WMF128K8-120FFC5 Datasheet HTML 4Page - List of Unclassifed Manufacturers WMF128K8-120FFC5 Datasheet HTML 5Page - List of Unclassifed Manufacturers WMF128K8-120FFC5 Datasheet HTML 6Page - List of Unclassifed Manufacturers WMF128K8-120FFC5 Datasheet HTML 7Page - List of Unclassifed Manufacturers WMF128K8-120FFC5 Datasheet HTML 8Page - List of Unclassifed Manufacturers WMF128K8-120FFC5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, CS CONTROLLED
(VCC = 5.0V, VSS = 0V, TA = -55
°C to +125°C)
Parameter
Symbol
-50
-60
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
50
60
70
90
120
150
ns
WE Setup Time
tWLEL
tWS
00
0
0
0
0
ns
CS Pulse Width
tELEH
tCP
25
30
35
45
50
50
ns
Address Setup Time
tAVEL
tAS
00
0
0
0
0
ns
Data Setup Time
tDVEH
tDS
25
30
30
45
50
50
ns
Data Hold Time
tEHDX
tDH
00
0
0
0
0
ns
Address Hold Time
tELAX
tAH
40
45
45
45
50
50
ns
WE Hold from WE High
tEHWH
tWH
00
0
0
0
0
ns
CS Pulse Width High
tEHEL
tCPH
20
20
20
20
20
20
ns
Duration of Programming Operation
tWHWH1
14
14
14
14
14
14
µs
Duration of Erase Operation
tWHWH2
2.2
60
2.2
60
2.2
60
2.2
60
2.2
60
2.2
60
sec
Read Recovery before Write
tGHEL
00
0
0
0
0
ns
Chip Programming Time
12.5
12.5
12.5
12.5
12.5
12.5
sec
WMF128K8-XXX5


Similar Part No. - WMF128K8-120FFC5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMF128K8-120FFC5 WEDC-WMF128K8-120FFC5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WMF128K8-120FFC5A WEDC-WMF128K8-120FFC5A Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
More results

Similar Description - WMF128K8-120FFC5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com