Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD119422P Datasheet(PDF) 1 Page - Sensitron

Part # SHD119422P
Description  HERMETIC POWER SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD119422P Datasheet(HTML) 1 Page - Sensitron

  SHD119422P Datasheet HTML 1Page - Sensitron SHD119422P Datasheet HTML 2Page - Sensitron SHD119422P Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SHD119422
SHD119422P
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4624, REV.-
HERMETIC POWER SCHOTTKY RECTIFIER
(SINGLE / DUAL)
DESCRIPTION: A 45 VOLT, 30 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC LCC-3P PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
45
Volts
MAXIMUM DC OUTPUT CURRENT With Cathode Maintained (@ TC=100
OC)
(Single)
IO
30
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t = 8.3ms, Sine)
IFSM
200
Amps
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
1600
pF
MAXIMUM THERMAL RESISTANCE
RθJC
0.61
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 175
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 30 Amps)
TJ = 25 °C
TJ = 125 °C
Vf
0.73
0.66
Volts
MAXIMUM REVERSE CURRENT (Ir @ 45 V PIV)
TJ = 25 °C
TJ = 125 °C
Ir
0.8
30
mA
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •


Similar Part No. - SHD119422P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD119411 SENSITRON-SHD119411 Datasheet
76Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119411P SENSITRON-SHD119411P Datasheet
76Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119412 SENSITRON-SHD119412 Datasheet
75Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119412P SENSITRON-SHD119412P Datasheet
75Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119434 SENSITRON-SHD119434 Datasheet
76Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD119422P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD118444 SENSITRON-SHD118444 Datasheet
93Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119236 SENSITRON-SHD119236 Datasheet
78Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119434 SENSITRON-SHD119434 Datasheet
76Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119612 SENSITRON-SHD119612 Datasheet
75Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD130513 SENSITRON-SHD130513 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD120234 SENSITRON-SHD120234 Datasheet
83Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD124446 SENSITRON-SHD124446 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125136 SENSITRON-SHD125136 Datasheet
90Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125612 SENSITRON-SHD125612 Datasheet
77Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126411 SENSITRON-SHD126411 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD116268 SENSITRON-SHD116268 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com