Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3870-2.85V Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LD3870-2.85V
Description  LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD3870-2.85V Datasheet(HTML) 2 Page - Unisonic Technologies

  LD3870-2.85V Datasheet HTML 1Page - Unisonic Technologies LD3870-2.85V Datasheet HTML 2Page - Unisonic Technologies LD3870-2.85V Datasheet HTML 3Page - Unisonic Technologies LD3870-2.85V Datasheet HTML 4Page - Unisonic Technologies LD3870-2.85V Datasheet HTML 5Page - Unisonic Technologies LD3870-2.85V Datasheet HTML 6Page - Unisonic Technologies LD3870-2.85V Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UTC LD3870
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R102-027,B
BLOCK DAGRAM
+
-
VIN
Cont
GND
Bandgap
Reference
Thermal
Protection
VOUT
Noise
Bypass
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+14
V
Control Voltage
VCONT
+14(Note 1)
V
Power Dissipation
PD
200
mW
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +125
Note 1: When input voltage is less than +14V,the absolute maximum control voltage is equal to the input voltage.
ELECTRICAL CHARACTERISTICS (VIN=Vo+1V, CIN=0.1μF, Co=4.7μF, Cp=0.01μF, Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Io=30mA
-2%
+2%
V
Quiescent Current
IQ
Io=0mA, expect lcont
200
300
μA
Quiescent Current
At Control OFF
IQ(OFF)
VCONT=0V
100
nA
Output Current
Io
Vo-0.3V
150
200
mA
Line Regulation
△Vo/△VIN VIN=Vo+1V ~ Vo+6V, Io=30mA
0.10
%/V
Load Regulation
△Vo/△Io Io=0 ~ 100mA
0.03
%/mA
Dropout Voltage
△VI-o
Io=60mA
0.12
0.2
V
Ripple Rejection
RR
ein=200mVrms, f=1kHz, Io=10mA,
VIN=Vo+2V,
Vo=3V Version
60
dB
Average Temperature
Coefficient of Output Voltage
△Vo/△Ta
Ta=0~85℃, Io=10mA,
Vo=3V Version
0.2
mV/℃
Output Noise Voltage
VNO
f=10Hz ~ 80kHz, Io=10mA,
Vo=3V Version
30
μVrms
Control Voltage for ON-state
VCONT(ON)
1.6
V
Control Voltage for OFF-state VCONT(OFF)
0.6
V
Note 2: The above specification is a common specification for all output voltages.Therefore, it may be different from
the individual specification for a specific output voltage.


Similar Part No. - LD3870-2.85V

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LD3870 UTC-LD3870 Datasheet
204Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LD3870 ETL-LD3870 Datasheet
210Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LD3870 UTC-LD3870 Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
LD3870G-15-AF5-R UTC-LD3870G-15-AF5-R Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
LD3870G-18-AF5-R UTC-LD3870G-18-AF5-R Datasheet
239Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LD3870-2.85V

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com