Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66305AP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M66305AP
Description  TOGGLE LINE BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66305AP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M66305AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66305AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66305AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66305AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66305AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66305AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66305AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66305AP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66305AP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
MITSUBISHI
〈DIGITAL ASSP〉
M66305AP/AFP
TOGGLE LINE BUFFER
Symbol
tw
±(SIC)
tw
±(SOC)
tw(T)
tw(RES)
tw(CR1)
tw(CR2)
tsu(SID-SIC)
th(SIC-SID)
tsu(ICE-SIC)
th(SIC-ICE)
tsu(CS-SIC)
th(SIC-CS)
tsu(OCE-SOC)
th(SOC-OCE)
tsu(CS-SOC)
th(SOC-CS)
tsu(CS-T)
th(T-CS)
th(SIC-T)
trec(T-SIC)
th(SOC-T)
trec(T-SOC)
tsu(CS-CR1)
th(CR1-CS)
tsu(CS-CR2)
th(CR2-CS)
trec(R-SIC/SOC)
trec(CR1-SIC)
trec(CR2-SOC)
Parameter
Input clock pulse width (Note 2)
Output clock pulse width (Note 2)
Toggle signal input pulse width
Reset input pulse width
Write counter reset input pulse width
Read counter reset input pulse width
Input data setup time before input clock
Input data hold time after input clock
Input clock enable setup time before input clock
Input clock enable hold time after input clock
Chip select setup time before input clock
Chip select hold time after input clock
Output clock enable setup time before output clock
Output clock enable hold time after output clock
Chip select setup time before output clock
Chip select hold time after output clock
Chip select setup time before toggle signal input
Chip select hold time after toggle signal input
Toggle signal hold time after input clock
Input clock recovery time after toggle signal input
Toggle signal hold time after output clock
Output clock recovery time after toggle signal input
Chip select setup time before write counter reset
Chip select hold time after write counter reset
Chip select setup time before read counter reset
Chip select hold time after read counter reset
Input and output clock recovery time after reset
Input clock recovery time after write counter reset
Output clock recovery time after read counter reset
TIMING CONDITIONS (Ta = –10˚C ~ 70
°C, VCC = 5V±10% and GND = 0V unless otherwise noted)
Max.
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Typ.
Min.
30
43*
50
150
100
100
100
25
0
25
0
150
100
25
0
150
100
100
100
100
150
100
150
100
100
100
100
100
150
150
Limits
Note 2 To satisfy switching characteristic fmax = 10 MHz (frequency: 100ns), the condition shown below should be met: 100 ns
≤ (tW+) + (tW–)
Symbol
tc(SIC)
tc(SOC)
tPLH(SOC-SOD)
tPHL(SOC-SOD)
tPHL(SIC-BF)
tPHL(SOC-INT)
tPLH(T-BF)
tPLH(T-INT)
tPLH(R-BF)
tPLH(R-INT)
tPHL(CR1-BF)
tPLH(CR2-INT)
Parameter
Input clock cycle time
Output clock cycle time
Propagation time between input clock and output data
Propagation time between input clock and BF
Propagation time between output clock and INT
Propagation time between toggle signal input and BF
Propagation time between toggle signal input and INT
Propagation time between reset input and BF
Propagation time between reset input and INT
Propagation time between write counter reset and BF
Propagation time between read counter reset and INT
SWITCHING CHARACTERISTICS (Ta = –10˚C ~ 70
°C, VCC = 5V±10% and GND = 0V)
Max.
36
40
36
40
75
85
75
85
100
100
100
100
100
100
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Typ.
Min.
100
100
Limits
Test conditions
CL=50pF
CL=150pF
CL=50pF
CL=150pF
CL=50pF
CL=150pF
CL=50pF
CL=150pF
CL=150pF
Note 3 AC test waveform ;
Input pulse level: 0V ~ 3V
Input pulse rise time: 6ns
*: Ta=25˚C
Input pulse fall time: 6ns
Test voltage ;
Input voltage: 1.3V
Output voltage: 1.3V


Similar Part No. - M66305AP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66305AP RENESAS-M66305AP Datasheet
2Mb / 11P
   TOGGLE LINE BUFFER
More results

Similar Description - M66305AP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66305AP RENESAS-M66305AP Datasheet
2Mb / 11P
   TOGGLE LINE BUFFER
logo
LOGIC Devices Incorpora...
LF9501 LODEV-LF9501 Datasheet
52Kb / 7P
   Programmable Line Buffer
logo
Integrated Device Techn...
IDT54FCT541 IDT-IDT54FCT541 Datasheet
83Kb / 7P
   BUFFER/LINE DRIVER
logo
LOGIC Devices Incorpora...
LF9502 LODEV-LF9502 Datasheet
52Kb / 7P
   2K Programmable Line Buffer
logo
ON Semiconductor
74AC541 ONSEMI-74AC541 Datasheet
349Kb / 13P
   Octal Buffer/Line Driver
January 2008 Rev. 1.5.0
74VHCT240A ONSEMI-74VHCT240A Datasheet
236Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
logo
Unisonic Technologies
U74LVC1G126 UTC-U74LVC1G126_15 Datasheet
205Kb / 5P
   BUS BUFFER/LINE DRIVER
logo
Texas Instruments
CD54AC240 TI1-CD54AC240_16 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Buffer Line Drivers
logo
ON Semiconductor
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
74VHCT245A ONSEMI-74VHCT245A Datasheet
240Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com