Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1768CGN Datasheet(PDF) 3 Page - Linear Technology

Part # LT1768CGN
Description  High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1768CGN Datasheet(HTML) 3 Page - Linear Technology

  LT1768CGN Datasheet HTML 1Page - Linear Technology LT1768CGN Datasheet HTML 2Page - Linear Technology LT1768CGN Datasheet HTML 3Page - Linear Technology LT1768CGN Datasheet HTML 4Page - Linear Technology LT1768CGN Datasheet HTML 5Page - Linear Technology LT1768CGN Datasheet HTML 6Page - Linear Technology LT1768CGN Datasheet HTML 7Page - Linear Technology LT1768CGN Datasheet HTML 8Page - Linear Technology LT1768CGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1768
3
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPWM
PWM Input Bias Current
q
0.6
4
µA
PWM Duty Cycle
VPROG = 1.75
45
50
55
%
PWM Frequency
CT = 0.22µF (Note 7)
90
110
130
Hz
VDIO1/2
DIO1/2 Positive Voltage
IDIO = 14mA
1.7
1.9
V
DIO1/2 Negative Voltage
IDIO = –14mA
–1.1
–1.3
V
VVCCLAMP
VC High Clamp Voltage
VPROG = 4.5V (Note 8)
3.6
3.7
3.9
V
VC Switching Threshold
VPROG = 4.5V (Note 8)
0.5
0.7
0.95
V
ISENSE
SENSE Input Bias Current
VSENSE = 0V
–25
–30
µA
VSENSE
SENSE Threshold for Current Limit
VVC = VVCCLAMP, Duty Cycle < 50%, VPROG = 1V
85
100
115
mV
VVC = VVCCLAMP, Duty Cycle 80%, VPROG = 1V
90
mV
IDIO1/2 to IRMAX Ratio
VPROG = 4.5V (Note 5)
q
94
98
104
A/A
VPROG = 4.5V, IDIO1 or IDIO2 = 0, VVC = 2.5V,
(Note 5)
45
49
55
A/A
IDIO1/2 to IRMIN Ratio
VPROG < 0.75V (Note 6)
q
9
10
11
A/A
VPROG < 0.75V, IDIO1 or IDIO2 = 0, VVC = 2.5V,
(Note 6)
9
10
11
A/A
IGATE
GATE Drive Peak Source Current
1.5
A
GATE Drive Peak Sink Current
1.5
A
GATE Drive Saturation Voltage
VVIN = 12V, IGATE = –100mA, VPROG = 4.5V
q
9.8
10.2
V
GATE Drive Clamp Voltage
VVIN = 24V, IGATE = –10mA, VPROG = 4.5V
q
12.5
14
V
GATE Drive Low Saturation Voltage
IGATE = 100mA
q
0.4
0.6
V
Open LAMP Threshold
(Note 9)
100
125
150
µA
FAULT Pin Saturation Voltage
IFAULT = 1mA, IDI01, IDI02 = 0µA, VPROG = 4.5V
0.2
0.3
V
FAULT Pin Leakage Current
VFAULT = 5V
20
100
nA
Thermal ShutdownTemperature
160
°C
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: This is the threshold voltage where the lamp current switches
from zero current to minimum lamp current. For VPROG less than the
threshold voltage, lamp current will be at zero. For VPROG greater than the
threshold voltage, lamp current will be equal to the minimum lamp
current. Minimum lamp current is set by the value of the resistor from the
RMIN pin to ground. See Applications Information for more details.
Note 3: This is the threshold voltage where the device starts to pulse width
modulate the lamp current. For VPROG less than the threshold voltage,
lamp current will be equal to the minimum lamp current. For VPROG
greater than the threshold voltage, lamp current will be pulse width
modulated between the minimum lamp current and some higher value.
Minimum lamp current is set by the value of the resistor from the RMIN pin
to ground. The higher value lamp current is a function of the RMAX resistor
to ground value, and the voltages on the PWM and PROG pins. See
Applications Information for more details.
Note 4: This is the threshold voltage where the lamp current reaches its
maximum value. For VPROG greater than the threshold voltage, there will
be no increase in lamp current. For VPROG less than the threshold voltage,
lamp current will be at some lower value. Maximum lamp current is set by
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VVIN = 12V, IDIO1/2 = 250µA, VPROG = 0V, VPWM = 2.5V, IRMAX = –100µA,
IRMIN = –100µA, unless otherwise specified.
the value of the resistor from the RMAX pin to ground. The lower value
lamp current is a function of the RMIN and RMAX resistors, and the
voltages on the PWM and PROG pins. See Applications Information for
more details.
Note 5: IDIO1/2 to IRMAX ratio is determined by setting IRMAX to –100µA,
VPROG to 4.5V, VVC to 2.5V, and then ramping a DC current out of the
DIO1/2 pins from zero until the DC current in the VC voltage source
current equals zero. The IDIO1/2 to IRMAX ratio is then defined as (IDIO1 +
IDIO2)/IRMAX. See Applications Information for more details.
Note 6: IDIO1/2 to IRMIN ratio is determined by setting IRMIN to –100µA,
VPROG to 0.75V, VVC to 2.5V, and then ramping a DC current out of the
DIO1/2 pins from zero until the DC current in the VC voltage source
current equals zero. The IDIO1/2 to IRMIN ratio is then defined as (IDIO1 +
IDIO2)/IRMIN. See Applications Information for more details.
Note 7: The PWM frequency is set by the equation PWMFREQ = 22Hz/
CT(µF).
Note 8: For VC voltages less than the switching threshold, GATE switching
is disabled.
Note 9: An open lamp will be detected if either IDIO1 or IDIO2 is less than
the threshold current for at least 1 full PWM cycle.


Similar Part No. - LT1768CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1768 LINER-LT1768_15 Datasheet
303Kb / 20P
   High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
More results

Similar Description - LT1768CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1768 LINER-LT1768_15 Datasheet
303Kb / 20P
   High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
logo
Maxim Integrated Produc...
MAX1996A MAXIM-MAX1996A Datasheet
883Kb / 28P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controller
Rev 1; 10/02
logo
Microsemi Corporation
LX1686E MICROSEMI-LX1686E Datasheet
143Kb / 8P
   Digital Dimming CCFL Controller IC
LX1686 MICROSEMI-LX1686 Datasheet
139Kb / 5P
   Digital Dimming CCFL Controller IC
LX1688 MICROSEMI-LX1688 Datasheet
624Kb / 15P
   MULTIPLE LAMP CCFL CONTROLLER
LX1688 MICROSEMI-LX1688_06 Datasheet
489Kb / 16P
   Multiple Lamp CCFL Controller
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com