Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1768IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LT1768IGN
Description  High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1768IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1768IGN Datasheet HTML 7Page - Linear Technology LT1768IGN Datasheet HTML 8Page - Linear Technology LT1768IGN Datasheet HTML 9Page - Linear Technology LT1768IGN Datasheet HTML 10Page - Linear Technology LT1768IGN Datasheet HTML 11Page - Linear Technology LT1768IGN Datasheet HTML 12Page - Linear Technology LT1768IGN Datasheet HTML 13Page - Linear Technology LT1768IGN Datasheet HTML 14Page - Linear Technology LT1768IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1768
11
APPLICATIONS INFORMATION
per lamp to 1mA for all PROG voltages but limits the
dimming ratio to 6:1.
Trace B in Figures 3a and 3b shows Figure 1’s CCFL
current waveform operating at 1mA in PWM mode.
Maximum current mode (VPROG > 4V) sets the VC source
current to five times the current out of the 1.25V refer-
enced RMAX pin. Setting RRMAX to produce CCFL current
equal to the manufacturer’s maximum rating in this mode
insures no degradation in the specified lamp lifetime. For
example, setting R4 in the circuit in Figure 1 to 16.2k sets
the maximum CCFL current to 9mA (9mA is only a typical
maximum lamp current used for illustration, consult lamp
specifications for the actual value). Trace A in Figure 3a
and 3b shows Figure 1’s CCFL current waveform operating
at 9mA in maximum current mode.
Figure 3a. CCFL Current for Circuit in Figure 1
Figure 3b. CCFL Current for Circuit in Figure 1
In linear mode (VPWM < VPROG < 4V), VC source current is
controlled linearly with the voltage on the PROG pin. The
equation for the VC source current in linear mode is
IVC = (VPROG – 1V)/3V (IRMAX • 5). For the best current to
light conversion and highest efficiency, VPWM should be
set to make the LT1768 normally operate in the linear
mode. For example, in the circuit in Figure 1, linear mode
runs from VPROG = 3V to VPROG = 4V with lamp current
equal to (3mA)(VPROG–1V)/1V.
In PWM Mode (1V < VPROG < VPWM), the VC source current
is modulated between the value set by minimum current
mode and the value for IVC in linear mode with VPROG =
VPWM. The PWM frequency is equal to 22Hz/CT(µF) with
its duty cycle set by the voltages on the PROG and PWM
pins and follows the equation:
DC = [1 – (VPWM – VPROG)/(VPWM – 1V)] • 100%
The LT1768’s PWM mode enables wide dimming ratios
while reducing the high crest factor found in PWM only
dimming solutions. In the example of Figure 1, PWM
mode runs from VPROG = 1V to VPROG = 3V with CCFL
current modulated between 0mA and 6mA. The PWM
modulation frequency is set to 220Hz by capacitor C3.
When combined, these five modes of operation allow
creation of a DC controlled CCFL current profile that can be
tailored to each particular display. With linear mode CCFL
current control over the most widely used current range,
and PWM mode at the low end, the LT1768 enables wide
dimming ratios while maximizing CCFL lifetimes.
Lamp Feedback Current
In a typical application, the DIO1/2 pins are connected to
the low voltage side of the lamps. Each DIO pin is the
common connection between the cathode and anode of
two internal diodes (see Block Diagram). The remaining
terminals of the diodes are connected to PGND. Bidirec-
tional lamp current flows into the DIO1/2 pins and their
diodes conduct alternately on the half cycles. The diode
that conducts on the negative cycle has a percentage of its
current diverted into the VC pin. This current nulls against
the VC source current specified by the Multimode Dim-
ming section. A single capacitor on the VC pin provides
both stable loop compensation and an averaging function
to the halfwave-rectified lamp current. Therefore, current
into the VC pin from the lamp current programming
section relates to
average lamp current.
The overall gain from the resistor current to average lamp
current is equal to the gain from the Multimode Dimming
block divided by the gain from the DIO pin to the VC pin,
TRACE A
VPROG = 4.5V
ILAMP = 9mARMS
TRACE B
VPROG = 1.125V
ILAMP = 1mARMS
1ms/DIV
TRACE A
VPROG = 4.5V
ILAMP = 9mARMS
TRACE B
VPROG = 1.125V
ILAMP = 1mARMS
100
µs/DIV


Similar Part No. - LT1768IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1768 LINER-LT1768_15 Datasheet
303Kb / 20P
   High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
More results

Similar Description - LT1768IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1768 LINER-LT1768_15 Datasheet
303Kb / 20P
   High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
logo
Maxim Integrated Produc...
MAX1996A MAXIM-MAX1996A Datasheet
883Kb / 28P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controller
Rev 1; 10/02
logo
Microsemi Corporation
LX1686E MICROSEMI-LX1686E Datasheet
143Kb / 8P
   Digital Dimming CCFL Controller IC
LX1686 MICROSEMI-LX1686 Datasheet
139Kb / 5P
   Digital Dimming CCFL Controller IC
LX1688 MICROSEMI-LX1688 Datasheet
624Kb / 15P
   MULTIPLE LAMP CCFL CONTROLLER
LX1688 MICROSEMI-LX1688_06 Datasheet
489Kb / 16P
   Multiple Lamp CCFL Controller
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com