Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61545AFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M61545AFP
Description  Serial Data Control Dual Electronic Volume
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61545AFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M61545AFP Datasheet HTML 4Page - Renesas Technology Corp M61545AFP Datasheet HTML 5Page - Renesas Technology Corp M61545AFP Datasheet HTML 6Page - Renesas Technology Corp M61545AFP Datasheet HTML 7Page - Renesas Technology Corp M61545AFP Datasheet HTML 8Page - Renesas Technology Corp M61545AFP Datasheet HTML 9Page - Renesas Technology Corp M61545AFP Datasheet HTML 10Page - Renesas Technology Corp M61545AFP Datasheet HTML 11Page - Renesas Technology Corp M61545AFP Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
M61545AFP
Preliminary
Rev.2.0 Dec 21, 2005 page 10 of 11
Application Example
24
3
1
Logic
Control
REF AMP
Vregulated
+
-
+
-
Vol AMP1
Vol AMP2
75
6
8
VIN1
VOUT1
GND
DATA
VIN2
VOUT2
VCC
CLOCK
R2
R1
Vol
Vol
100µF
+
+
2.2µF
2.2µF
Units: Resistance:
Ω
Capacitance: F


Similar Part No. - M61545AFP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
Renesas Technology Corp
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
   6ch Electronic Volume with Tone Control
More results

Similar Description - M61545AFP

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
   Serial data control dual electronic volume
VER 1.2
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
   Serial Data Control Dual Electronic Volume
logo
Mitsubishi Electric Sem...
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
   Serial data controlled dual channel electronic volume control
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
   DUAL ELECTRONIC VOLUME CONTROL
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
   DUAL ELECTRONIC VOLUME CONTROL
logo
Sanyo Semicon Device
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
   High Breakdown Voltage Serial Control Electronic Volume Control
LC7535M SANYO-LC7535M Datasheet
226Kb / 9P
   Electronic Volume/Loudness Control with Serial Data Control and High Voltage-Handling Capacity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com