Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4822 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4822
Description  3.3V/5V, 8-Channel Relay Drivers with Fast Recovery Time and Power-Save Mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4822 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4822 Datasheet HTML 1Page - Maxim Integrated Products MAX4822 Datasheet HTML 2Page - Maxim Integrated Products MAX4822 Datasheet HTML 3Page - Maxim Integrated Products MAX4822 Datasheet HTML 4Page - Maxim Integrated Products MAX4822 Datasheet HTML 5Page - Maxim Integrated Products MAX4822 Datasheet HTML 6Page - Maxim Integrated Products MAX4822 Datasheet HTML 7Page - Maxim Integrated Products MAX4822 Datasheet HTML 8Page - Maxim Integrated Products MAX4822 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX4822–MAX4825 8-channel relay drivers offer
built-in kickback protection and drive +3V/+5V non-
latching or dual-coil-latching relays. Each independent
open-drain output features a 2.7
Ω (typ) on-resistance
and is guaranteed to sink 70mA (min) of load current.
These devices consume less than 300µA (max) quies-
cent current and have 1µA output off-leakage current.
A Zener-kickback-protection circuit significantly
reduces recovery time in applications where switching
speed is critical.
The MAX4822/MAX4824 feature a unique power-save
mode where the relay current, after activation, can be
reduced to a level just above the relay hold-current
threshold. This mode keeps the relay activated while
significantly reducing the power consumption.
The MAX4822/MAX4823 feature a 10MHz SPI™-/
QSPI™-/MICROWIRE™-compatible serial interface.
Input data is shifted into a shift register and latched to
the outputs when CS transitions from low to high. Each
data bit in the shift register corresponds to a specific
output, allowing independent control of all outputs.
The MAX4824/MAX4825 feature a 4-bit parallel-input
interface. The first 3 bits (A0, A1, A2) determine the out-
put address, and the fourth bit (LVL) determines whether
the selected output is switched on or off. Data is latched
to the outputs when CS transitions from low to high.
The MAX4822–MAX4825 feature separate set and reset
functions, allowing turn-on or turn-off of all outputs
simultaneously with a single control line. Built-in hys-
teresis (Schmidt trigger) on all digital inputs allows
these devices to be used with slow-rising and falling
signals, such as those from optocouplers or RC power-
up initialization circuits. The MAX4822–MAX4825 are
available in space-saving 4mm x 4mm, 20-pin thin QFN
packages. They are specified over the -40°C to +85°C
extended temperature range.
Applications
ATE Equipment
DSL Redundancy Protection (ADSL/VDSL/HDSL)
T1/E1 Redundancy Protection
T3/E3 Redundancy Protection
Industrial Equipment
Test Equipment (Oscilloscopes, Spectrum
Analyzers)
Features
♦ Built-In Zener Kickback Protection for Fast
Recovery
♦ Programmable Power-Save Mode Reduces Relay
Power Consumption (MAX4822/MAX4824)
♦ 10MHz SPI-/QSPI-/MICROWIRE-Compatible Serial
Interface
♦ Eight Independent Output Channels
♦ Drive +3V and +5V Relays
♦ Guaranteed 70mA (min) Coil Drive Current
♦ Guaranteed 5Ω (max) RON
♦ SET / RESET Functions to Turn On/Off All
Outputs Simultaneously
♦ Serial Digital Output for Daisy Chaining
♦ Optional Parallel Interface (MAX4824/MAX4825)
♦ Low 300µA (max) Quiescent Supply Current
♦ Space-Saving, 4mm x 4mm, 20-Pin TQFN Package
+3.3V/+5V, 8-Channel Relay Drivers with Fast
Recovery Time and Power-Save Mode
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3789; Rev 0; 8/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
PACKAGE
CODE
MAX4822ETP
-40°C to +85°C
20 TQFN-EP*
T2044-3
MAX4823ETP
-40°C to +85°C
20 TQFN-EP*
T2044-3
MAX4824ETP
-40°C to +85°C
20 TQFN-EP*
T2044-3
MAX4825ETP
-40°C to +85°C
20 TQFN-EP*
T2044-3
*For maximum heat dissipation, packages have an exposed
pad (EP) on the bottom. Solder exposed pad to GND.
Pin Configurations appear at end of data sheet.
SPI is a trademark of Motorola, Inc.
QSPI is a trademark of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
PART
INTERFACE
POWER SAVE
MAX4822
Serial
Yes
MAX4823
Serial
No
MAX4824
Parallel
Yes
MAX4825
Parallel
No
Selector Guide


Similar Part No. - MAX4822

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820 MAXIM-MAX4820 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820ETP MAXIM-MAX4820ETP Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820ETP MAXIM-MAX4820ETP Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
More results

Similar Description - MAX4822

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
logo
Kingston Technology Far...
SMS200S360G KINGSTON-SMS200S360G Datasheet
524Kb / 2P
   Save space, time and money.
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
List of Unclassifed Man...
UHD-400 ETC1-UHD-400 Datasheet
1Mb / 12P
   POWER AND RELAY DRIVERS
UHP-400 ETC2-UHP-400 Datasheet
2Mb / 128P
   QUAD POWER AND RELAY DRIVERS
logo
Sangdest Microelectroni...
FTB1F-15F SMC-FTB1F-15F Datasheet
161Kb / 5P
   Fast reverse recovery time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com