Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4824 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4824
Description  3.3V/5V, 8-Channel Relay Drivers with Fast Recovery Time and Power-Save Mode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4824 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4824 Datasheet HTML 4Page - Maxim Integrated Products MAX4824 Datasheet HTML 5Page - Maxim Integrated Products MAX4824 Datasheet HTML 6Page - Maxim Integrated Products MAX4824 Datasheet HTML 7Page - Maxim Integrated Products MAX4824 Datasheet HTML 8Page - Maxim Integrated Products MAX4824 Datasheet HTML 9Page - Maxim Integrated Products MAX4824 Datasheet HTML 10Page - Maxim Integrated Products MAX4824 Datasheet HTML 11Page - Maxim Integrated Products MAX4824 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
+3.3V/+5V, 8-Channel Relay Drivers with Fast
Recovery Time and Power-Save Mode
8
_______________________________________________________________________________________
PIN
MAX4822
MAX4823
NAME
FUNCTION
19
19
VCC
Input Supply Voltage. Bypass VCC to GND with a 0.1µF capacitor.
20
20
SET
Set Input. Drive SET low to set all latches and registers high (all outputs are low
impedance). SET overrides all parallel and serial control inputs. RESET overrides SET
under all conditions.
EP
EP
EP
Exposed Pad. Connect exposed paddle to GND.
PIN
MAX4824
MAX4825
NAME
FUNCTION
11
RESET
Reset Input. Drive RESET low to clear all latches and registers (all outputs are high
impedance). RESET overrides all other inputs. If RESET and SET are pulled low at the
same time, then RESET takes precedence.
22
CS
Chip-Select Input. Drive CS low to select the device. The CS falling edge latches the
output address (A0, A1, A2). The CS rising edge latches level data (LVL).
33
LVL
Level Input. LVL determines whether the selected address is switched on or off. Logic-
high on LVL switches on the addressed output. A logic-low on LVL switches off the
addressed output.
44
A0
Digital Address 0 Input. (See Figure 3 for address mapping.)
55
A1
Digital Address 1 Input. (See Figure 3 for address mapping.)
66
A2
Digital Address 2 Input. (See Figure 3 for address mapping.)
77
GND
Ground
88
OUT8
Open-Drain Output 8. Connect OUT8 to the low side of a relay coil. This output is pulled
to PGND when activated, but otherwise is high impedance.
99
OUT7
Open-Drain Output 7. Connect OUT7 to the low side of a relay coil. This output is pulled
to PGND when activated, but otherwise is high impedance.
10, 16
10, 16
PGND
Power Ground. PGND is a return for the output sinks. Connect PGND pins together and
to GND.
11
11
OUT6
Open-Drain Output 6. Connect OUT6 to the low side of a relay coil. This output is pulled
to PGND when activated, but otherwise is high impedance.
12
12
OUT5
Open-Drain Output 5. Connect OUT5 to the low side of a relay coil. This output is pulled
to PGND when activated, but otherwise is high impedance.
MAX4822/MAX4823 Pin Description (continued)
MAX4824/MAX4825 Pin Description


Similar Part No. - MAX4824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4824PMB1 MAXIM-MAX4824PMB1 Datasheet
2Mb / 7P
   MAX4824PMB1 Peripheral Module
Rev 0; 5/12
More results

Similar Description - MAX4824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
logo
Kingston Technology Far...
SMS200S360G KINGSTON-SMS200S360G Datasheet
524Kb / 2P
   Save space, time and money.
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
List of Unclassifed Man...
UHD-400 ETC1-UHD-400 Datasheet
1Mb / 12P
   POWER AND RELAY DRIVERS
UHP-400 ETC2-UHP-400 Datasheet
2Mb / 128P
   QUAD POWER AND RELAY DRIVERS
logo
Sangdest Microelectroni...
FTB1F-15F SMC-FTB1F-15F Datasheet
161Kb / 5P
   Fast reverse recovery time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com