Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGB203 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BGB203
Description  Bluetooth System-in-a-Package radio with baseband controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGB203 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BGB203 Datasheet HTML 5Page - NXP Semiconductors BGB203 Datasheet HTML 6Page - NXP Semiconductors BGB203 Datasheet HTML 7Page - NXP Semiconductors BGB203 Datasheet HTML 8Page - NXP Semiconductors BGB203 Datasheet HTML 9Page - NXP Semiconductors BGB203 Datasheet HTML 10Page - NXP Semiconductors BGB203 Datasheet HTML 11Page - NXP Semiconductors BGB203 Datasheet HTML 12Page - NXP Semiconductors BGB203 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Philips Semiconductors
BGB203
Bluetooth radio module with baseband controller
Product Shortform Datasheet
Rev. 1.0
— 2005 July 28
9 of 24
Table 4:
Timing
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tosc
Xtal start up time
BGB203
630[2]
682[1]
s
tpll
lock time PLL
BGB203
s
tosc + tpll
Start up time with PLL locked
BGB203
880[2]
932[1]
s
trst
baseband reset delay
1024
cycles
trc_delay
Minimal RF reset delay
200
ns
tlong_reset
typical long reset duration
7.37
10
s
tVDDx
Minimal VDD rise time
[3]
700
s
tregulator_respons
Respons time to VDDRF supply
[4]
20
s
Table 5:
System and Low power oscillators
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
System clock input
fsys_xtal
system oscillator input frequency
12
13 or 24
26
MHz
Vswing_sys
Voltage input swing
slave mode [5]
300
1700
mVpp
VDC_sys
DC input level
slave mode [1][4]
950
mV
VDD_sysIH
High level input voltage on Xtal1_sys pin
bypass mode
0.8VDDO
-
VDDO
V
VDD_sysIL
Low level input voltage on Xtal1_sys pin
bypass mode
0
-
0.2VDDO
V
Ri_sys_xtal
system oscillator input impedance
slave mode [6]
63
kohm
Ci_sys_xtal
system oscillator input capacitance to
Ground
oscil. mode [2]
12
pF
slave mode [6]
5
pF
Ci_tune_max
system oscillator programmable
capacitance to Ground
[3]
25
pF
Ci_steps
tuning step size for programmable
capacitance
0.1
pF
gm_sys
transconductance
21
40
mA/V
rout_sys
output impedance on XTAL2_SYS pin
900
ohm
Low power clock input
flpo_xtal
low power osc frequency
oscil. mode
32.768
kHz
tstart,avg
LPO average start-up time
oscil. mode
6
ms
Vswing_lpo
low power input swing
slave mode [7]
320
1800
mVpp
VDC_lpo
DC input level
slave mode [7]
320
mV
VDD_lpoIH
High level input voltage on Xtal1_lpo pin
bypass mode
0.8VDDO
-
VDDO
V


Similar Part No. - BGB203

ManufacturerPart #DatasheetDescription
logo
Heyco.
BGB HEYCO-BGB Datasheet
182Kb / 1P
   Full Thickness Male Blades
logo
NXP Semiconductors
BGB100 PHILIPS-BGB100 Datasheet
184Kb / 16P
   0 dBm TrueBlue radio module
2002 Jan 03
BGB101 PHILIPS-BGB101 Datasheet
161Kb / 17P
   0 dBm Bluetooth radio module
2003 Aug 05
BGB110 PHILIPS-BGB110 Datasheet
141Kb / 17P
   Bluetooth radio module
2000 Oct 03
logo
Infineon Technologies A...
BGB420 INFINEON-BGB420 Datasheet
477Kb / 10P
   Active Biased Transistor
2001-08-10
More results

Similar Description - BGB203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
   Bluetooth Baseband Controller
logo
Texas Instruments
LMX5452 TI1-LMX5452_14 Datasheet
217Kb / 5P
[Old version datasheet]   Micro-Module Integrated Bluetooth 1.2 Baseband Controller and Radio
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
   Bluetooth Baseband Controller IC
ML70512 OKI-ML70512 Datasheet
332Kb / 29P
   Bluetooth Baseband Controller IC
ML70Q5110LA OKI-ML70Q5110LA Datasheet
155Kb / 26P
   Bluetooth Baseband Controller IC
ML70Q5111LA OKI-ML70Q5111LA Datasheet
157Kb / 26P
   Bluetooth Baseband Controller IC
ML7055 OKI-ML7055 Datasheet
343Kb / 30P
   Bluetooth Baseband Controller IC
ML7051LA OKI-ML7051LA Datasheet
164Kb / 24P
   Bluetooth Baseband Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com