Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-F4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # E39-F4
Description  Fiber-Optic Accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

E39-F4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  E39-F4 Datasheet HTML 1Page - List of Unclassifed Manufacturers E39-F4 Datasheet HTML 2Page - List of Unclassifed Manufacturers E39-F4 Datasheet HTML 3Page - List of Unclassifed Manufacturers E39-F4 Datasheet HTML 4Page - List of Unclassifed Manufacturers E39-F4 Datasheet HTML 5Page - List of Unclassifed Manufacturers E39-F4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Various Accessories Expand the
Usefulness of the Fiber-Optic Cables
Lenses extend sensing distances
Side-view attachments provide space
savings
Flexible stainless steel tubes protect
plastic fibers from mechanical damage
Thin fiber adapters as replacement
Splices for 2.2 mm fiber can be used to
repair cut fiber
Ordering Information
Fiber-Optic Accessories
E39
Description
Part number
Focusing lens pair (use with E32-TC50/200/500/1000, E32-T11(L), E32-TC200C, E32-T61)
E39-F1
Side-view reflector pair
E39-F2
Convergent beam conversion kit (to fit fibers that accept E39-F1 lenses)
E39-F3
Pinpoint focusing lens (for E32-D32)
E39-F3A
Side-view diffuse reflective conversion kit (for through-beam fibers)
E39-F5
ATTACHMENTS
Description
Appearance
Length (L)
Part number
E32-DC200E, E32-DC200F(4), E32-D21, E32-D21L
0.5 m
E39-F32A5
1 m
E39-F32A
E32-DC200, E32-DC200B(4), E32-CC200, E32-D11
0.5 m
E39-F32D5
E32-D11L, E32-D51
1 m
E39-F32D
E32-TC200E, E32-TC200F(4), E32-T21, E32-T12L
0.5 m
E39-F32B5
1 m
E39-F32B
E32-TC200, E32-TC200B(4), E32-T11, E32-T11L,
0.5 m
E39-F32C5
E32-T51L
1 m
E39-F32C
PROTECTIVE STAINLESS STEEL FLEXIBLE TUBES FOR PLASTIC FIBERS
Single tubes
Pairs
Description
Part number
Thin fiber adapter (1.0 mm to 2.2 mm dia.)
E39-F9
Splice for 2.2 mm dia. fiber (except E32-T51/E32-D51)
E39-F10
Fiber cutting tool (supplied with each trimmable plastic fiber optic cable)
E39-F4
Fiber probe bending tool
E39-F11
Mounting bracket replacement for E32-T16 (order two)
E39-L4
ADAPTERS/REPAIR PARTS


Similar Part No. - E39-F4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-F4 OMRON-E39-F4 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
More results

Similar Description - E39-F4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39 OMRON-E39 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
E39-F1-31 OMRON-E39-F1-31 Datasheet
432Kb / 6P
   Fiber-Optic Accessories
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com