Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD126146 Datasheet(PDF) 1 Page - Sensitron

Part # SHD126146
Description  SCHOTTKY RECTIFIER 200째C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD126146 Datasheet(HTML) 1 Page - Sensitron

  SHD126146 Datasheet HTML 1Page - Sensitron SHD126146 Datasheet HTML 2Page - Sensitron SHD126146 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4018, REV. B
SCHOTTKY RECTIFIER
200
°C Operating Temperature
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Out Performs 200 Volt Ultrafast Rectifiers
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
200
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Single & Doubler)
7.5
A
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Common Cathode,
Common Anode)
15
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
pulsed (per leg)
75
A
Max. Thermal Resistance
RθJC
(per package)
2.71
°C/W
Max. Junction Temperature
TJ
-
-65 to +200
°C
Max. Storage Temperature
Tstg
-
-65 to +175
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 7.5A, Pulse, TJ = 25 °C
(per leg)
1.01
V
VF2
@ 7.5A, Pulse, TJ = 125 °C
(per leg)
0.85
V
Max. Reverse Current
IR1
@VR = 200V, Pulse,
TJ = 25 °C (per leg)
0.18
mA
IR2
@VR = 200V, Pulse,
TJ = 125 °C (per leg)
4.0
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p) (per leg)
150
pF
SHD126146
SHD126146P
SHD126146N
SHD126146D


Similar Part No. - SHD126146

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126144 SENSITRON-SHD126144 Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126144D SENSITRON-SHD126144D Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126144N SENSITRON-SHD126144N Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126144P SENSITRON-SHD126144P Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126145 SENSITRON-SHD126145 Datasheet
102Kb / 3P
   SCHOTTKY RECTIFIER 200째C Operating Temperature
More results

Similar Description - SHD126146

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126145 SENSITRON-SHD126145 Datasheet
102Kb / 3P
   SCHOTTKY RECTIFIER 200째C Operating Temperature
SHD126236 SENSITRON-SHD126236_10 Datasheet
44Kb / 3P
   SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD120136 SENSITRON-SHD120136_08 Datasheet
62Kb / 3P
   SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126136_0609 SENSITRON-SHD126136_0609 Datasheet
54Kb / 3P
   SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126434 SENSITRON-SHD126434_08 Datasheet
58Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126134 SENSITRON-SHD126134 Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126436 SENSITRON-SHD126436_08 Datasheet
58Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD124534 SENSITRON-SHD124534 Datasheet
58Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 200째C Operating Temperature
SHD126144 SENSITRON-SHD126144 Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126434 SENSITRON-SHD126434 Datasheet
166Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com