Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5940PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5940PWPR
Description  16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5940PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TLC5940PWPR Datasheet HTML 1Page - Texas Instruments TLC5940PWPR Datasheet HTML 2Page - Texas Instruments TLC5940PWPR Datasheet HTML 3Page - Texas Instruments TLC5940PWPR Datasheet HTML 4Page - Texas Instruments TLC5940PWPR Datasheet HTML 5Page - Texas Instruments TLC5940PWPR Datasheet HTML 6Page - Texas Instruments TLC5940PWPR Datasheet HTML 7Page - Texas Instruments TLC5940PWPR Datasheet HTML 8Page - Texas Instruments TLC5940PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TLC5940
SLVS515A – DECEMBER 2004 – REVISED AUGUST 2005
V
CC = 3 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = -1 mA, SOUT
VCC– 0.5
V
VOL
Low-level output voltage
IOL = 1 mA, SOUT
0.5
V
VI = VCC or GND; BLANK, DCPRG, GSCLK, SCLK, SIN,
–1
1
XLAT
µA
VI = GND; VPRG
–1
1
II
Input current
VI = VCC; VPRG
50
VI = 22 V; VPRG; DCPRG = VCC
4
10
mA
No data transfer, all output OFF,
0.9
6
VO = 1 V, R(IREF) = 10 kΩ
No data transfer, all output OFF,
5.2
12
VO = 1 V, R(IREF) = 1.3 kΩ
ICC
Supply current
mA
Data transfer 30 MHz, all output ON,
16
25
VO = 1 V, R(IREF) = 1.3 kΩ
Data transfer 30 MHz, all output ON,
30
60
VO = 1 V, R(IREF) = 640 Ω
IO(LC)
Constant output current
All output ON, VO = 1 V, R(IREF) = 640 Ω
54
61
69
mA
All output OFF, VO = 15 V, R(IREF) = 640 Ω,
Ilkg
Leakage output current
0.1
µA
OUT0 to OUT15
All output ON, VO = 1 V, R(IREF) = 640 Ω,
±1
±4
OUT0 to OUT15, –20
°C to 85°C
All output ON, VO = 1 V, R(IREF) = 640 Ω,
±1
±8
OUT0 to OUT15
∆I
O(LC0)
Constant current error
%
All output ON, VO = 1 V, R(IREF) = 320 Ω,
±1
±6
OUT0 to OUT15, –20
°C to 85°C
All output ON, VO = 1 V, R(IREF) = 320 Ω,
±1
±8
VCC = 4.5 V to 5.5 V, OUT0 to OUT15
Device to device, Averaged current from OUT0 to
–2
∆I
O(LC1)
Constant current error
±4
%
OUT15, R(IREF) = 1920 Ω (20 mA)
+0.4
Device to device, Averaged current from OUT0 to
–2.7
∆I
O(LC2)
Constant current error
±4
%
OUT15, R(IREF) = 480 Ω (80 mA)
+2
All output ON, VO = 1 V, R(IREF) = 640 Ω
±1
±4
%/V
OUT0 to OUT15
Power supply rejection ratio,
∆I
O(LC3)
PSRR
All output ON, VO = 1 V, R(IREF) = 320 Ω ,
±1
±6
%/V
OUT0 to OUT15
All output ON, VO = 1 V to 3 V, R(IREF) = 640 Ω,
±2
±6
%/V
OUT0 to OUT15
∆I
O(LC4)
Load regulation
All output ON, VO = 1 V to 3 V, R(IREF) = 320 Ω,
±2
±8
%/V
OUT0 to OUT15
T(TEF)
Thermal error flag threshold
Junction temperature(1)
150
170
°C
V(LED)
LED open detection threshold
0.3
0.4
V
Reference voltage
V(IREF)
RI(REF) = 640 Ω
1.20
1.24
1.28
V
output
(1)
Not tested. Specified by design
4


Similar Part No. - TLC5940PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5940PWPR TI1-TLC5940PWPR Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
TLC5940PWPRG4 TI1-TLC5940PWPRG4 Datasheet
1Mb / 38P
[Old version datasheet]   16-Channel LED Driver
More results

Similar Description - TLC5940PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI-TLC5945 Datasheet
999Kb / 29P
[Old version datasheet]   16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1121 AMSCO-AS1121 Datasheet
976Kb / 22P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
   16-Channel LED Driver with Dot Correction and Greyscale PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com