Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM9926 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # SDM9926
Description  Dual N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDM9926 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  SDM9926 Datasheet HTML 1Page - SamHop Microelectronics Corp. SDM9926 Datasheet HTML 2Page - SamHop Microelectronics Corp. SDM9926 Datasheet HTML 3Page - SamHop Microelectronics Corp. SDM9926 Datasheet HTML 4Page - SamHop Microelectronics Corp. SDM9926 Datasheet HTML 5Page - SamHop Microelectronics Corp. SDM9926 Datasheet HTML 6Page - SamHop Microelectronics Corp. SDM9926 Datasheet HTML 7Page - SamHop Microelectronics Corp. SDM9926 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
F igure 11. S witching T est C ircuit
F igure 12. S witching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
2
1
0.1
0.01
S quare Wave P ulse Duration (sec)
F igure 13. Normalized T hermal T ransient Impedance C urve
5
INVE R TE D
Duty C ycle=0.5
0.2
0.1
0.05
0.02
S ingle P ulse
10
-4
10
-3
10
-2
10
-1
1
10
100
PDM
t1
t2
1. R thJA (t)=r (t) * R JA
2. R JA=S ee Datasheet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
V DD
R
D
V
V
R
S
V
G
G S
IN
G E N
OUT
L
5
th
th
th
S DM9926


Similar Part No. - SDM9926

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SDM9926 VBSEMI-SDM9926 Datasheet
984Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
SamHop Microelectronics...
SDM9926A SAMHOP-SDM9926A Datasheet
351Kb / 5P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Similar Description - SDM9926

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS8208 SAMHOP-STS8208 Datasheet
591Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STU402D SAMHOP-STU402D Datasheet
637Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM8206 SAMHOP-STM8206 Datasheet
646Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM6912 SAMHOP-STM6912 Datasheet
554Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8206 SAMHOP-STG8206 Datasheet
650Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8210 SAMHOP-STG8210 Datasheet
652Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STS8205 SAMHOP-STS8205 Datasheet
596Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM6913A SAMHOP-STM6913A Datasheet
722Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STS8201 SAMHOP-STS8201 Datasheet
565Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8209 SAMHOP-STG8209 Datasheet
628Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com