Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB75N03L Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SDB75N03L
Description  N-Channel Logic Level E nhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDB75N03L Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SDB75N03L Datasheet HTML 1Page - SamHop Microelectronics Corp. SDB75N03L Datasheet HTML 2Page - SamHop Microelectronics Corp. SDB75N03L Datasheet HTML 3Page - SamHop Microelectronics Corp. SDB75N03L Datasheet HTML 4Page - SamHop Microelectronics Corp. SDB75N03L Datasheet HTML 5Page - SamHop Microelectronics Corp. SDB75N03L Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
S DP /B 75N03L
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is =37A
0.93 1.3
V
a
Notes
b.Guaranteed by design, not subject to production testing.
a.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
6000
5000
4000
3000
2000
1000
0
0
5
10
15
20
25
30
3
F igure 1. Output C haracteristics
F igure 2. Transfer C haracteristics
F igure 3. C apacitance
V DS , Drain-to S ource Voltage (V )
V GS , G ate-to-S ource Voltage (V )
V DS , Drain-to-S ource Voltage (V )
4
V GS =10,9,8,7,6,5,4V
40
35
30
25
20
15
10
5
0
0
1
2
3
4
5
6
V GS =3V
C is s
C os s
C rs s
20
15
10
5
0
1
2
3
4
5
6
25
25 C
T J=125 C
-55 C
0
2.2
1.8
1.4
1.0
0.6
0.2
0
-50
0
50
100
125
T j( C )
-25
25
75
V GS =10V
ID=37A
F igure 4. On-R esistance Variation with
Temperature


Similar Part No. - SDB75N03L

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SDB704CA SEMTECH_ELEC-SDB704CA Datasheet
174Kb / 2P
   Silicon Epitaxial Planar Schottky Barrier Diode
SDB720S SEMTECH_ELEC-SDB720S Datasheet
179Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
SDB720WS SEMTECH_ELEC-SDB720WS Datasheet
172Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WT SEMTECH_ELEC-SDB720WT Datasheet
195Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
More results

Similar Description - SDB75N03L

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU3030NLS SAMHOP-STU3030NLS Datasheet
825Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NL SAMHOP-STU3525NL Datasheet
888Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP85N03L SAMHOP-SDP85N03L Datasheet
533Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NLS SAMHOP-STU6025NLS Datasheet
790Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU4530NLS SAMHOP-STU4530NLS Datasheet
944Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU5025NLS SAMHOP-STU5025NLS Datasheet
791Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NL SAMHOP-STU6025NL Datasheet
874Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3030NL SAMHOP-STU3030NL Datasheet
826Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NLS SAMHOP-STU3525NLS Datasheet
850Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STP3055L2 SAMHOP-STP3055L2 Datasheet
676Kb / 7P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com