Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6802AB Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM6802AB
Description  Class-D Stereo Amplifier for Portable Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6802AB Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM6802AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 12Page - Nippon Precision Circuits Inc SM6802AB Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SM6802A
NIPPON PRECISION CIRCUITS INC.—9
Input Equalizer (LIN, LEQP, LEQN, RIN, REQP, REQN)
An input equalizer network can be connected to pins LIN, LEQP and LEQN (RIN, REQP and REQN), as
shown in the input equivalent circuit and equalizer circuit below.
The frequency response of the equalizer circuit is given by the following equation, where
ƒ is the frequency.
Dynamic Range Compression Mode (DRCN)
The dynamic range compression mode is set when DRCN is LOW. When a compression mode is used, the gain
for small input signals is increased while large input signals are converted using a curve that performs soft-clip-
ping. This increases the average sound pressure level emitted from the speaker during playback.
LEQN
(REQN)
VREF1
LEQP
(REQP)
R04
R03 C03
C04
R01
60k
R02 C02
60k
LIN
(RIN)
2
C01
IN'
+
1
20
Response =
20 × log
10
[dB]
11
60000
1
R04
++
+ 2πƒC04
1
2
πƒC03
R03
+
+
1
2
πƒC01
1
1
60000
1
R01
+
1
+
1
2
πƒC02
R02
+
1
-20
-15
-10
-5
0
5
10
-40
-35
-30
-25 -20
-15
-10
-5
0
5
10
-40
-35
-30
-25
Input [dBV]
normal mode
DRC mode


Similar Part No. - SM6802AB

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
SM6802G SAMHOP-SM6802G Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
SM6802L SAMHOP-SM6802L Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
More results

Similar Description - SM6802AB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
Rohm
BD5421EFS ROHM-BD5421EFS Datasheet
349Kb / 6P
   Stereo Class-D Power Amplifier for Speaker
logo
Maxim Integrated Produc...
MAX98306_1108 MAXIM-MAX98306_1108 Datasheet
2Mb / 14P
   Stereo 3.7W Class D Amplifier
Rev 1; 8/11
logo
NXP Semiconductors
TFA9879 PHILIPS-TFA9879_15 Datasheet
1Mb / 60P
   Mono BTL class-D audio amplifier for portable applications
Rev. 02-15 October 2010
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
logo
Analog Devices
SSM2380 AD-SSM2380 Datasheet
691Kb / 32P
   Filterless, Stereo, Class-D Audio Amplifier
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Infineon Technologies A...
MA5332MS INFINEON-MA5332MS Datasheet
3Mb / 60P
   200W Stereo, Integrated Class D Amplifier
V 2.0 9/24/2021
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721_04 Datasheet
383Kb / 14P
   Class-D Stereo Power Amplifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com