Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8403 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STM8403
Description  Dual E nhancement Mode Field Effect Transistor (N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8403 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STM8403 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
F igur e 5. G ate T hr eshold V ar iation
with T emper atur e
F igur e 6. B r eakdown V oltage V ar iation
with T emper atur e
with Dr ain C ur r ent
IDS , Drain-S ource C urrent (A)
F igur e 8. B ody Diode F or war d V oltage
V ar iation with Sour ce C ur r ent
V S D, B ody Diode F orward V oltage (V )
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
5
5
20.0
10.0
1.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-50 -25
0
25
50
75 100 125 150
V DS=V GS
ID=250
uA
-50 -25
0
25
50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=-250
uA
12
9
6
3
15
0
0
5
10
15
20
V DS=10V
S T M8403
N-C hannel
F igur e 7. T r ansconductance V ar iation


Similar Part No. - STM8403

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8401 SAMHOP-STM8401 Datasheet
1Mb / 11P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
STM8402 SAMHOP-STM8402 Datasheet
935Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8405 SAMHOP-STM8405 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
logo
VBsemi Electronics Co.,...
STM8405 VBSEMI-STM8405 Datasheet
2Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - STM8403

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8402 SAMHOP-STM8402 Datasheet
935Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8501 SAMHOP-STM8501 Datasheet
832Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STU405D SAMHOP-STU405D Datasheet
988Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8303 SAMHOP-STM8303 Datasheet
976Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8306 SAMHOP-STM8306 Datasheet
781Kb / 11P
   Dual E nhancement Mode Field Effect Transistor ( N and P Channel)
STU404D SAMHOP-STU404D Datasheet
951Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8305 SAMHOP-STM8305 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8358S SAMHOP-STM8358S Datasheet
815Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8500 SAMHOP-STM8500 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8450A SAMHOP-STM8450A Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com