Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST19XG34 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST19XG34
Description  Smartcard MCU with 34KBYTES HIGH DENSITY EEPROM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19XG34 Datasheet(HTML) 1 Page - STMicroelectronics

  ST19XG34 Datasheet HTML 1Page - STMicroelectronics ST19XG34 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA BRIEFING
This is Brief Data from STMicroelectronics. Details are subject to change without notice. For complete data, please contact
your nearest Sales Office or SmartCard Products Divison, Rousset, France. Fax: (+33) 4 42 68 87 29
ST19XG34
Smartcard MCU with 34KBYTES HIGH DENSITY EEPROM
ST19XG34FEATURES
s
ENHANCED 8 BIT CPU WITH EXTENDED
ADDRESSING MODES
s
70K BYTES USER ROM WITH PARTITIONING
s
2K BYTES USER RAM WITH PARTITIONING
s
34K BYTES USER EEPROM WITH
PARTITIONING
– Highly reliable CMOS EEPROM submicron
technology
– Error Correction Code for single bit fail correc-
tion within a byte
– 10 year data retention
– 100,000 Erase/Write cycles endurance
– 1 to 64 bytes Erase or Program in 2 mS
s
SECURITY FIREWALLS FOR MEMORIES,
s
VERY HIGH SECURITY FEATURES
INCLUDING EEPROM FLASH PROGRAM,
AND CLOCK MANAGEMENT.
s
3x8 BIT TIMERS WITH INTERRUPT
CAPABILITY
s
HARDWARE DES ACCELERATOR
s
CRYPTOGRAPHIC LIBRARY:
– DES, triple DES, DESX computations and
CBC chaining mode
s
ISO 3309 CRC CALCULATION BLOCK
s
UP TO 10MHz INTERNAL OPERATING
FREQUENCY AT 5 AND 3 VOLTS
s
UNIQUE SERIAL NUMBER ON EACH DIE
s
POWER SAVING STANDBY MODE
s
CONTACT ASSIGNMENT COMPATIBLE ISO
7816-2
s
2
SERIAL
ACCESS
I/O’S,
ISO
7816-3
COMPATIBLE
s
ESD PROTECTION GREATER THAN 5000V
s
3 TO 5V SUPPLY VOLTAGE RANGE
Figure 1 Delivery Form
(1) Typical values, independant from external clock frequency and
supply voltage.
Function
Speed (1)
Triple DES (with keys loaded)
31
µs
Single DES (with keys loaded)
19
µs
Wafer
Micromodule
Notch
1
September 2000


Similar Part No. - ST19XG34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19XL34V2 STMICROELECTRONICS-ST19XL34V2 Datasheet
157Kb / 4P
   Smartcard MCU With Modular Arithmetic Processor & 34 Kbytes High Density EEPROM
ST19XR08 STMICROELECTRONICS-ST19XR08 Datasheet
154Kb / 3P
   Dual Contactless Smartcard MCU With 8 Kbytes EEPROM
ST19XS08 STMICROELECTRONICS-ST19XS08 Datasheet
164Kb / 4P
   Smartcard MCU With 8 Kbytes EEPROM
ST19XT34 STMICROELECTRONICS-ST19XT34 Datasheet
40Kb / 3P
   Smartcard MCU with MAP, USB/ISO Interface & 34 Kbytes High Density EEPROM
More results

Similar Description - ST19XG34

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19NM34 STMICROELECTRONICS-ST19NM34 Datasheet
44Kb / 3P
   Smartcard MCU With 34 Kbytes High Density EEPROM
ST21Y068 STMICROELECTRONICS-ST21Y068 Datasheet
89Kb / 4P
   Smartcard MCU with 68 KBytes High Density EEPROM
ST21Y144 STMICROELECTRONICS-ST21Y144 Datasheet
89Kb / 4P
   Smartcard MCU with 144 Kbytes High Density EEPROM
ST21Y036 STMICROELECTRONICS-ST21Y036 Datasheet
77Kb / 4P
   Smartcard MCU with 36 Kbytes high density EEPROM
ST23YS08 STMICROELECTRONICS-ST23YS08 Datasheet
88Kb / 4P
   Smartcard MCU Smartcard MCU with Enhanced Security and 8 KBytes High-Density EEPROM
ST19WG18 STMICROELECTRONICS-ST19WG18 Datasheet
42Kb / 3P
   Smartcard MCU With 18, 34, 66 Kbytes High Density EEPROM
ST19NR66 STMICROELECTRONICS-ST19NR66 Datasheet
507Kb / 5P
   Dual Contactless Smartcard MCU with 66 KBytes High Density EEPROM
ST23YS02 STMICROELECTRONICS-ST23YS02 Datasheet
76Kb / 4P
   Smartcard MCU with enhanced security and 2 Kbytes high-density EEPROM
ST19WL18 STMICROELECTRONICS-ST19WL18 Datasheet
45Kb / 3P
   Smartcard MCU With Modular Arithmetic Processor & 18 Kbytes High Density EEPROM
ST16WL18 STMICROELECTRONICS-ST16WL18 Datasheet
46Kb / 3P
   Smartcard MCU With Modular Arithmetic Processor 18 Kbytes High Density EEPROM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com