Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE29M16H-25 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # PALCE29M16H-25
Description  24-Pin EE CMOS Programmable Array Logic
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE29M16H-25 Datasheet(HTML) 1 Page - Advanced Micro Devices

  PALCE29M16H-25 Datasheet HTML 1Page - Advanced Micro Devices PALCE29M16H-25 Datasheet HTML 2Page - Advanced Micro Devices PALCE29M16H-25 Datasheet HTML 3Page - Advanced Micro Devices PALCE29M16H-25 Datasheet HTML 4Page - Advanced Micro Devices PALCE29M16H-25 Datasheet HTML 5Page - Advanced Micro Devices PALCE29M16H-25 Datasheet HTML 6Page - Advanced Micro Devices PALCE29M16H-25 Datasheet HTML 7Page - Advanced Micro Devices PALCE29M16H-25 Datasheet HTML 8Page - Advanced Micro Devices PALCE29M16H-25 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Publication# 08740
Rev. G
Amendment /0
Issue Date: June 1993
2-327
Advanced
Micro
Devices
PALCE29M16H-25
24-Pin EE CMOS Programmable Array Logic
FINAL
COM’L: H-25
DISTINCTIVE CHARACTERISTICS
s High-performance semicustom logic
replacement; Electrically Erasable (EE)
technology allows reprogrammability
s 16 bidirectional user-programmable I/O logic
macrocells for Combinatorial/Registered/
Latched operation
s Output Enable controlled by a pin or product
terms
s Varied product term distribution for increased
design flexibility
s Programmable clock selection with two clocks/
latch enables (LEs) and LOW/HIGH clock/LE
polarity
s Register/Latch Preload permits full logic
verification
s High speed (tPD = 25 ns, fMAX = 33 MHz and fMAX
internal = 50 MHz)
s Full-function AC and DC testing at the factory
for high programming and functional yields
and high reliability
s 24-Pin 300 mil SKINNYDIP and 28-pin plastic
leaded chip carrier packages
s Extensive third-party software and programmer
support through FusionPLD partners
GENERAL DESCRIPTION
The PALCE29M16 is a high-speed, EE CMOS Pro-
grammable Array Logic (PAL) device designed for gen-
eral logic replacement in TTL or CMOS digital systems.
It offers high speed, low power consumption, high pro-
gramming yield, fast programming and excellent reli-
ability. PAL devices combine the flexibility of custom
logic with the off-the-shelf availability of standard prod-
ucts, providing major advantages over other semicus-
tom solutions such as gate arrays and standard cells,
including reduced development time and low up-front
development cost.
BLOCK DIAGRAM
I/O
Logic
Macrocell
8
I/O
Logic
Macrocell
I/OF
8
I/O
Logic
Macrocell
I/O
12
I/O
Logic
Macrocell
I/O
16
I/O
Logic
Macrocell
I/O
16
I/O
Logic
Macrocell
I/O
12
I/O
Logic
Macrocell
8
I/O
Logic
Macrocell
I/OF
2
I/
OE
I/O
Logic
Macrocell
I/O
I/O
I/O
I/O
I/OF
I/OF
2
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
I/O
Logic
Macrocell
8
8
8
8
8
2
Programmable
AND Array
58 x 188
2
I -I
I/OF
CLK/
LE
I/CLK/
LE
2
12
16
16
12
OE
PTs
OE
PTs
OE
PTs
OE
PTs
3
0 2
0
1
I/OF
0
12
3
23
4
I/OF5
4
5
6
7
6
I/OF7
2
08740G-1


Similar Part No. - PALCE29M16H-25

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29MA16H-25 AMD-PALCE29MA16H-25 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29MA16H-25JC AMD-PALCE29MA16H-25JC Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29MA16H-25PC AMD-PALCE29MA16H-25PC Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
More results

Similar Description - PALCE29M16H-25

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
   EE CMOS 24-Pin Universal Programmable Array Logic
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PAL20R AMD-PAL20R Datasheet
1Mb / 27P
   24-Pin TTL Programmable Array Logic
logo
Lattice Semiconductor
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com