Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87702LHGTR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY87702LHGTR
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702LHGTR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY87702LHGTR Datasheet HTML 4Page - Micrel Semiconductor SY87702LHGTR Datasheet HTML 5Page - Micrel Semiconductor SY87702LHGTR Datasheet HTML 6Page - Micrel Semiconductor SY87702LHGTR Datasheet HTML 7Page - Micrel Semiconductor SY87702LHGTR Datasheet HTML 8Page - Micrel Semiconductor SY87702LHGTR Datasheet HTML 9Page - Micrel Semiconductor SY87702LHGTR Datasheet HTML 10Page - Micrel Semiconductor SY87702LHGTR Datasheet HTML 11Page - Micrel Semiconductor SY87702LHGTR Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SY87702L
8
Micrel, Inc.
M9999-102405
hbwhelp@micrel.com or (408) 955-1690
LOOP FILTER COMPONENTS(1)
CML OUTPUT DIAGRAM
100
100
100
100
100
SY87702L
VCC
VCC
Figure 3.
50
Load CML Output
100
100
200
SY87702L
VCC
Figure 4.
100
Load CML Output
R1
C1
PLLSN+
or
PLLSW+
PLLSN–
or
PLLSW–
R1 = 1.2k
C1 = 1.0
µF (X7R Dielectric)
Figure 1.
R1 Filter Component
R2
C2
PLLRN+
or
PLLRW+
PLLRN–
or
PLLRW–
R2 = 1.8k
C2 = 1.0
µF (X7R Dielectric)
Figure 2.
R2 Filter Component
NOTE:
1. Suggested Values. Values may vary for different applications.
TIMING WAVEFORMS
tCPWH
REFCLK±
RDOUT
tCPWL
tDV
tDH
tODC
tODC
RCLK


Similar Part No. - SY87702LHGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87702LHGTR MICREL-SY87702LHGTR Datasheet
555Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
More results

Similar Description - SY87702LHGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87702L MICREL-SY87702L_06 Datasheet
555Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87701AL MICREL-SY87701AL Datasheet
158Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87701AL MICREL-SY87701AL_07 Datasheet
151Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87813L MICREL-SY87813L Datasheet
478Kb / 15P
   3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com