Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8582C-2P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8582C-2P
Description  256 x 8-bit CMOS EEPROMS with I2C-bus interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8582C-2P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8582C-2P Datasheet HTML 3Page - NXP Semiconductors PCF8582C-2P Datasheet HTML 4Page - NXP Semiconductors PCF8582C-2P Datasheet HTML 5Page - NXP Semiconductors PCF8582C-2P Datasheet HTML 6Page - NXP Semiconductors PCF8582C-2P Datasheet HTML 7Page - NXP Semiconductors PCF8582C-2P Datasheet HTML 8Page - NXP Semiconductors PCF8582C-2P Datasheet HTML 9Page - NXP Semiconductors PCF8582C-2P Datasheet HTML 10Page - NXP Semiconductors PCF8582C-2P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
December 1994
7
Philips Semiconductors
Product specification
256 x 8-bit CMOS EEPROMS
with I2C-bus interface
PCX8582X-2 Family
WRITE CYCLE LIMITS
Selection of the chip address is achieved by connecting the A0, A1 and A2 inputs to either VSS or VDD.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ERASE/WRITE cycle timing
tE/W
ERASE/WRITE cycle time
internal oscillator
7
ms
external clock
4
10
ms
Endurance
NE/W
ERASE/WRITE cycle per byte
PCF8582C-2
Tamb = 85 °C; tE/W = 4 to 10 ms
100000
cycles
Tamb = 22 °C; tE/W = 5 ms
500000
cycles
PCD8582D-2
Tamb = −25 to +70 °C;
tE/W = 4 to 10 ms
10000
cycles
Tamb = −25 to +40 °C; tE/W = 5 ms
100000
cycles
PCF8582E-2
Tamb = −40 to +85 °C;
tE/W = 4 to 10 ms
10000
cycles
Tamb = 22 °C; tE/W = 5 ms
100000
cycles
PCA8582F-2
Tamb = 125 °C; tE/W = 4 to 10 ms
50000
cycles
Tamb = 85 °C; tE/W = 4 to 10 ms
100000
cycles
Tamb = 22 °C; tE/W = 5 ms
500000
cycles


Similar Part No. - PCF8582C-2P

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
PCF8582C-2P ICST-PCF8582C-2P Datasheet
179Kb / 24P
   PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
logo
NXP Semiconductors
PCF8582C-2P PHILIPS-PCF8582C-2P Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
PCF8582C-2P-03 PHILIPS-PCF8582C-2P-03 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
More results

Similar Description - PCF8582C-2P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85102C-2 PHILIPS-PCF85102C-2 Datasheet
99Kb / 20P
   256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
logo
NXP Semiconductors
PCF85XXC-2 PHILIPS-PCF85XXC-2 Datasheet
179Kb / 24P
   256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
1997 Feb 13
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
logo
Integrated Circuit Syst...
PCF85 ICST-PCF85 Datasheet
179Kb / 24P
   PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
   2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com