Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3HDMI412FTZHE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3HDMI412FTZHE
Description  4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch with Flow-through Pin Out
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI412FTZHE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PI3HDMI412FTZHE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI412FTZHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI412FTZHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI412FTZHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI412FTZHE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI412FTZHE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI412FTZHE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI412FTZHE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI412FTZHE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
PS8798
12/05/05
PI3HDMI412FT
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI
Compliant Signal Switch with Flow-through Pin Out
Ordering Information
Ordering Code
Package Code
Package Description
PI3HDMI412FTZHE
ZH
Pb-free & Green, 42-pin TQFN
PI3HDMI412FTBE
B
Pb-free & Green, 48-pin BQSOP
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com


Similar Part No. - PI3HDMI412FTZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI412FT-A PERICOM-PI3HDMI412FT-A Datasheet
874Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI412FT-ABE PERICOM-PI3HDMI412FT-ABE Datasheet
874Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI412FT-AZHE PERICOM-PI3HDMI412FT-AZHE Datasheet
874Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI412FT-B PERICOM-PI3HDMI412FT-B Datasheet
712Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI412FT-BBE PERICOM-PI3HDMI412FT-BBE Datasheet
712Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
More results

Similar Description - PI3HDMI412FTZHE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
PI3HDMI412-A PERICOM-PI3HDMI412-A Datasheet
440Kb / 11P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI412-B PERICOM-PI3HDMI412-B Datasheet
596Kb / 9P
   4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI413-A PERICOM-PI3HDMI413-A Datasheet
781Kb / 11P
   4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI3HDMI413 PERICOM-PI3HDMI413 Datasheet
1Mb / 8P
   4-Differential Channel, 3:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard
PI2DBS212 PERICOM-PI2DBS212_14 Datasheet
1Mb / 10P
   2.0GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
PI3HDMI412FT-A PERICOM-PI3HDMI412FT-A Datasheet
874Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI3HDMI412FT-B PERICOM-PI3HDMI412FT-B Datasheet
712Kb / 12P
   2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch
PI2DBS412 PERICOM-PI2DBS412 Datasheet
542Kb / 9P
   1.8V, 1.8GHz, Differential Broadband Signal Switch,4-Differential Channel, 2:1 Mux/DeMux Switch,w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com