Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA06H8285M-01 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # RA06H8285M-01
Description  MITSUBISHI RF MOSFET MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA06H8285M-01 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  RA06H8285M-01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA06H8285M-01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA06H8285M-01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA06H8285M-01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA06H8285M-01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA06H8285M-01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA06H8285M-01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA06H8285M-01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MITSUBISHI RF POWER MODULE
RA06H8285M
RA06H8285M
MITSUBISHI ELECTRIC
23 Dec 2002
7/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
PRECAUTIONS, RECOMMENDATIONS, and APPLICATION INFORMATION:
Construction:
This module consists of an alumina substrate soldered onto a copper flange. For mechanical protection, a plastic
cap is attached with silicone. The MOSFET transistor chips are die bonded onto metal, wire bonded to the substrate,
and coated with resin. Lines on the substrate (eventually inductors), chip capacitors, and resistors form the bias and
matching circuits. Wire leads soldered onto the alumina substrate provide the DC and RF connection.
Following conditions must be avoided:
a) Bending forces on the alumina substrate (for example, by driving screws or from fast thermal changes)
b) Mechanical stress on the wire leads (for example, by first soldering then driving screws or by thermal expansion)
c) Defluxing solvents reacting with the resin coating on the MOSFET chips (for example, Trichlorethylene)
d) Frequent on/off switching that causes thermal expansion of the resin
e) ESD, surge, overvoltage in combination with load VSWR, and oscillation
ESD:
This MOSFET module is sensitive to ESD voltages down to 1000V. Appropriate ESD precautions are required.
Mounting:
Heat sink flatness must be less than 50 µm (a heat sink that is not flat or particles between module and heat sink
may cause the ceramic substrate in the module to crack by bending forces, either immediately when driving screws
or later when thermal expansion forces are added).
A thermal compound between module and heat sink is recommended for low thermal contact resistance and to
reduce the bending stress on the ceramic substrate caused by the temperature difference to the heat sink.
The module must first be screwed to the heat sink, then the leads can be soldered to the printed circuit board.
M3 screws are recommended with a tightening torque of 0.4 to 0.6 Nm.
Soldering and Defluxing:
This module is designed for manual soldering.
The leads must be soldered after the module is screwed onto the heat sink.
The soldering temperature must be lower than 260°C for a maximum of 10 seconds, or lower than 350°C for a
maximum of three seconds.
Ethyl Alcohol is recommend for removing flux. Trichlorethylene solvents must not be used (they may cause bubbles
in the coating of the transistor chips which can lift off the bond wires).
Thermal Design of the Heat Sink:
Now Preparing


Similar Part No. - RA06H8285M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA06H8285M-101 MITSUBISHI-RA06H8285M-101 Datasheet
94Kb / 9P
   820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA06H8285M-101 MITSUBISHI-RA06H8285M-101 Datasheet
186Kb / 9P
   RoHS Compliance, 820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA06H8285M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07H0608M MITSUBISHI-RA07H0608M Datasheet
64Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07N4047M MITSUBISHI-RA07N4047M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA30H3340M MITSUBISHI-RA30H3340M Datasheet
108Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07M3340M MITSUBISHI-RA07M3340M Datasheet
67Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07M2127M MITSUBISHI-RA07M2127M Datasheet
61Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA45H4047M MITSUBISHI-RA45H4047M Datasheet
93Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 45W 12.5V MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE 330-400MHz 7W 12.5V PORTABLE/ MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M Datasheet
85Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RD60HUF1 MITSUBISHI-RD60HUF1 Datasheet
320Kb / 7P
   MITSUBISHI RF POWER MOS FET
logo
Renesas Technology Corp
FS10KM-12A RENESAS-FS10KM-12A Datasheet
91Kb / 5P
   MITSUBISHI Nch POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com