Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A383AQ Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5A383AQ
Description  Precision Wide Bandwidth Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A383AQ Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5A383AQ Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A383AQ Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A383AQ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A383AQ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A383AQ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A383AQ Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A383AQ Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A383AQ Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
35
PS7062D
07/14/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A381A
PI5A383A
PI5A385A
Electrical Specifications - Single +3.3V Supply
(VCC = +3.3V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Notes:
1. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum, is used in
this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design
4.
∆RΟΝ = RΟΝ max - RΟΝ min
5. Flatness is defined as the difference between the maximum and minimum value of on-resistance measured.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
VANALOG
l
l
u
F0
VCC
V
e
c
n
a
t
s
i
s
e
R
-
n
ORON
V
CC
I
,
V
3
=
COM
0
3
-
=m ,
A
VNO
V
r
o
NC
V
5
.
1
=
5
22
18
1
l
l
u
F2
2
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆RON
V
C
C
I
,
V
3
.
3
=
COM
=0
3
-m ,
A
VNO
V
r
o
NC
=,
V
8
.
0V
5
.
2
5
21
2
l
l
u
F4
e
c
n
a
t
s
i
s
e
R
-
n
O
s
s
e
n
t
a
l
F
)
5
,
3
(
RFLAT(ON)
5
24
0
1
l
l
u
F
2
1
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
T
t
ON
V
C
C = 3.3
V
,
V
O
N
V
r
o
=
C
N
V
5
.
1
1
e
r
u
g
i
F
5
24
15
2
s
n
l
l
u
F0
4
e
m
i
T
f
f
O
-
n
r
u
T
t
OFF
5
25
2
1
l
l
u
F0
2
n
o
i
t
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL 1
=n ,
FVGEN =,
V
0RGEN =0V,
2
e
r
u
g
i
F
5
25
0
1C
p
y
l
p
p
u
S
y
l
p
p
u
S
e
v
i
t
i
s
o
P
t
n
e
r
r
u
C
I
C
C
Vc
cV
,
V
6
.
3
=
N
I
V
r
o
V
0
=
CC
,
af
f
o
r
o
n
o
s
l
e
n
n
a
h
c
l
l
l
l
u
F
1
µA


Similar Part No. - PI5A383AQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BC6EX PERICOM-PI5A3157BC6EX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BZUEX PERICOM-PI5A3157BZUEX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157CEX PERICOM-PI5A3157CEX Datasheet
135Kb / 8P
   SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results

Similar Description - PI5A383AQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
   Precision Wide Bandwidth Analog Switches
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
PI5A121 PERICOM-PI5A121 Datasheet
533Kb / 8P
   Wide Bandwidth Analog Switches
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
   Dual, Wide Bandwidth Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
   Dual, Wide Bandwidth Analog Switches
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com