Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C21X23 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C21X23
Description  PSoC??Mixed-Signal Array
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21X23 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C21X23 Datasheet HTML 1Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 2Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 3Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 4Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 5Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 6Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 7Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 8Page - Cypress Semiconductor CY8C21X23 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
February 25, 2005
© Cypress Semiconductor Corp. 2004-2005 — Document No. 38-12022 Rev. *G
1
PSoC™ Mixed-Signal Array
Final Data Sheet
CY8C21123,
CY8C21223, and CY8C21323
PSoC™ Functional Overview
The PSoC™ family consists of many Mixed-Signal Array with
On-Chip Controller devices. These devices are designed to
replace multiple traditional MCU-based system components
with one, low cost single-chip programmable component. A
PSoC device includes configurable blocks of analog and digital
logic, as well as programmable interconnect. This architecture
allows the user to create customized peripheral configurations,
to match the requirements of each individual application. Addi-
tionally, a fast CPU, Flash program memory, SRAM data mem-
ory, and configurable IO are included in a range of convenient
pinouts.
The PSoC architecture, as illustrated on the left, is comprised of
four main areas: the Core, the System Resources, the Digital
System, and the Analog System. Configurable global bus
resources allow all the device resources to be combined into a
complete custom system. Each PSoC device includes four digi-
tal blocks. Depending on the PSoC package, up to two analog
comparators and up to 16 general purpose IO (GPIO) are also
included. The GPIO provide access to the global digital and
analog interconnects.
The PSoC Core
The PSoC Core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, and IMO (inter-
nal main oscillator) and ILO (internal low speed oscillator). The
Features
■ Powerful Harvard Architecture Processor
❐ M8C Processor Speeds to 24 MHz
❐ Low Power at High Speed
❐ 2.4V to 5.25V Operating Voltage
❐ Operating Voltages Down to 1.0V Using
On-Chip Switch Mode Pump (SMP)
❐ Industrial Temperature Range: -40°C to +85°C
■ Advanced Peripherals (PSoC Blocks)
❐ 4 Analog Type “E” PSoC Blocks Provide:
- 2 Comparators with DAC Refs
- Single or Dual 8-Bit 8:1 ADC
❐ 4 Digital PSoC Blocks Provide:
- 8- to 32-Bit Timers, Counters, and PWMs
- CRC and PRS Modules
- Full-Duplex UART, SPI
™ Master or Slave
- Connectable to All GPIO Pins
❐ Complex Peripherals by Combining Blocks
■ Flexible On-Chip Memory
❐ 4K Flash Program Storage 50,000 Erase/Write
Cycles
❐ 256 Bytes SRAM Data Storage
❐ In-System Serial Programming (ISSP
™)
❐ Partial Flash Updates
❐ Flexible Protection Modes
❐ EEPROM Emulation in Flash
■ Complete Development Tools
❐ Free Development Software
(PSoC™ Designer)
❐ Full-Featured, In-Circuit Emulator and
Programmer
❐ Full Speed Emulation
❐ Complex Breakpoint Structure
❐ 128 Bytes Trace Memory
■ Precision, Programmable Clocking
❐ Internal ±2.5% 24/48 MHz Oscillator
❐ Internal Oscillator for Watchdog and Sleep
■ Programmable Pin Configurations
❐ 25 mA Drive on All GPIO
❐ Pull Up, Pull Down, High Z, Strong, or Open
Drain Drive Modes on All GPIO
❐ Up to 8 Analog Inputs on GPIO
❐ Configurable Interrupt on All GPIO
■ Additional System Resources
❐ I2C™ Master, Slave and Multi-Master to
400 kHz
❐ Watchdog and Sleep Timers
❐ User-Configurable Low Voltage Detection
❐ Integrated Supervisory Circuit
❐ On-Chip Precision Voltage Reference
DIGITAL SYSTEM
SRAM
SystemBus
Interrupt
Controller
Sleep and
Watchdog
Clock Sources
(Includes IMO and ILO)
Global Digital Interconnect
Global Analog Interconnect
PSoC
CORE
CPUCore
(M8C)
SROM
Flash
I2C
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Ref.
Port 1
Port 0
Digital
PSoC Block
Array
Analog
PSoC Block
Array
Sw itch
Mode
Pump


Similar Part No. - CY8C21X23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21x23 CYPRESS-CY8C21x23 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C21x23 CYPRESS-CY8C21x23 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C21X23 CYPRESS-CY8C21X23 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X23 CYPRESS-CY8C21X23 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21X23 CYPRESS-CY8C21X23 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C21X23

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
   PSoC??Mixed Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C27143 CYPRESS-CY8C27143 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C24123A CYPRESS-CY8C24123A Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C22213 CYPRESS-CY8C22213 Datasheet
2Mb / 304P
   PSoC Mixed Signal Array
CY8C21534 CYPRESS-CY8C21534 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C27466 CYPRESS-CY8C27466 Datasheet
799Kb / 39P
   PSoC??Mixed Signal Array
CY8C29466 CYPRESS-CY8C29466 Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com