Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1U1G Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1U1G
Description  GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1U1G Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1U1G Datasheet HTML 1Page - Pan Jit International Inc. 1U1G Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1U1G THRU 1U6G
GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER
VOLTAGE - 50 to 800 Volts
CURRENT - 1.0 Ampere
FEATURES
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing
Flame Retardant Epoxy Molding Compound
l
Glass passivated junction in R-1 package
l
1 ampere operation at TA=55 ¢J with no thermal runaway
l
Exceeds environmental standards of MIL-S-19500/228
l
Ultra Fast switching for high efficiency
MECHANICAL DATA
Case: Molded plastic, R-1
Terminals: axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Band denotes cathode
Mounting Position: Any
Weight: 0.0064 ounce, 0.181 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
1U1G
1U2G
1U3G
1U4G
1U5G
1U6G
UNITS
Peak Reverse Voltage, Repetitive; VRM:
50
100
200
400
600
800
V
Maximum RMS Voltage
35
70
140
280
420
560
V
DC Reverse Voltage; VR
50
100
200
400
600
800
V
Average Forward Current, Io @ TA=55 ¢J 3/8” lead
length, 60 Hz, resistive or inductive load
1.0
A
Peak Forward Surge Current, IFM (surge)
8.3msec.
single half sine wave superimposed on rated
load(JECEC method)
30
A
Maximum Forward Voltage VF @ 1.0A, 25 ¢J
1.00
1.30
1.70
V
Maximum Reverse Current, @ Rated TJ=25 ¢J
Reverse Voltage
TJ=100 ¢J
10.0
150
£g A
£g A
Typical Junction capacitance (Note 1) CJ
17.0
PF
Typical Junction Resistance (Note 2) R £KJA
60
¢J /W
Reverse Recovery Time
IF=.5A, IR=1A, Irr=.25A
50
50
50
50
100
100
ns
Operating and Storage Temperature Range
-55 to +150
¢J
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length P.C.B.
mounted
R-1


Similar Part No. - 1U1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1U1G PANJIT-1U1G Datasheet
72Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
logo
Gulf Semiconductor
1U1G GULFSEMI-1U1G Datasheet
88Kb / 2P
   FULTRAFAST EFFICIENT GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Pan Jit International I...
1U1G PANJIT-1U1G Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
1U1G PANJIT-1U1G_04 Datasheet
72Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
1U1G PANJIT-1U1G_09 Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
More results

Similar Description - 1U1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100GS PANJIT-UF100GS Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
UF100G PANJIT-UF100G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
PG100R PANJIT-PG100R Datasheet
57Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
PG4933 PANJIT-PG4933 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
UF300G PANJIT-UF300G Datasheet
68Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
UF150G PANJIT-UF150G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.5 Amperes)
UF600G PANJIT-UF600G Datasheet
68Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
PG4001S PANJIT-PG4001S Datasheet
41Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
UF1A SURGE-UF1A Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
Pan Jit International I...
US1A PANJIT-US1A Datasheet
72Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com