• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4336, REV. -
HERMETIC SILICON CARBIDE RECTIFIER
DESCRIPTION: A 600-VOLT, 20 AMP POWER SILICON CARBIDE RECTIFIER IN A HERMETIC TO-254
PACKAGE AVAILABLE SCREENED TO ANY REQUIRED LEVEL
FEATURES:
• NO RECOVERY TIME OR REVERSE RECOVERY LOSSES
• NO TEMPERATURE INFLUENCE ON SWITCHING BEHAVIOR
• High Frequency Option - Non-magnetic Glidcop leads with ceramic seals are available for improved
performance at high frequency; use part number prefix SHDCG
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
600
Volts
MAXIMUM DC OUTPUT CURRENT
With TC = 65
OC, for part numbers with P and N suffixes
IO
20
Amps
MAXIMUM DC OUTPUT CURRENT
With TC = 65
OC, for part numbers with Single and D suffixes
IO
10
Amps
MAXIMUM REPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 8.3ms, Sine) per leg, TC = 25
OC
IFRM
50
Amps
MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 10
µs, Pulse) per leg, TC = 25 OC
IFSM
250
Amps
MAXIMUM JUNCTION CAPACITANCE (Vr =5V) per leg
CT
350
pF
MAXIMUM POWER DISSIPATION, TC = 25
OC,
Pd
40
W
MAXIMUM THERMAL RESISTANCE, Junction to Case (PER DUAL PACKAGE
For Common Cathode/Anode Configurations)
RθJC
2.1
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top, Tstg
-55 to
+175
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
TYP
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP
TJ = 25°C
Pulsed (If = 10 A PER LEG) Vf
TJ = 150 °C
1.65
1.85
1.75
1.95
Volts
MAXIMUM FORWARD VOLTAGE DROP
TJ = 25°C
Pulsed (If = 6 A PER LEG) Vf
TJ = 150 °C
1.35
1.50
1.45
1.60
Volts
MAXIMUM REVERSE CURRENT (Ir @ 600V PIV PER LEG) TJ = 25 °C
TJ = 150 °C
0.04
0.08
0.15
0.50
mA
TOTAL CAPACITIVE CHARGE (VR=600V IF=10A di/dt=500A/µs TJ=25°C) QC per
leg
40
N/A
nC
SHD625051
SHD625051P
SHD625051N
SHD625051D