Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD625061P Datasheet(PDF) 1 Page - Sensitron

Part # SHD625061P
Description  HERMETIC SILICON CARBIDE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD625061P Datasheet(HTML) 1 Page - Sensitron

  SHD625061P Datasheet HTML 1Page - Sensitron SHD625061P Datasheet HTML 2Page - Sensitron SHD625061P Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address- sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4141, REV. -
HERMETIC SILICON CARBIDE RECTIFIER
DESCRIPTION/FEATURES:
600V, 40A, POWER SILICON CARBIDE RECTIFIER AVAILABLE SCREENED TO ANY REQUIRED LEVEL
NO RECOVERY TIME OR REVERSE RECOVERY LOSSES
NO TEMPERATURE INFLUENCE ON SWITCHING BEHAVIOR
High Temperature Option - Maximum operation & storage temperature can be increased to 250oC;
use part number prefix SHDT
High Frequency Option - Non-magnetic Glidcop leads are available for improved performance at
high frequency; use part number prefix SHDG
Ceramic Seal Option – For ceramic seals use part number prefix SHDC
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25
°C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNIT
S
PEAK INVERSE VOLTAGE
PIV
600
Volts
MAXIMUM DC OUTPUT CURRENT (With TC = 65
OC, for part numbers with P and
N suffixes)
IO
40
Amps
MAXIMUM DC OUTPUT CURRENT (With TC = 65
OC, for part numbers with Single
and D suffixes)
IO
20
Amps
MAXIMUM REPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 8.3ms, Sine) per leg, TC = 25
OC
IFRM
80
Amps
MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
(t = 10
µs, Pulse) per leg, TC = 25 OC
IFSM
250
Amps
MAXIMUM JUNCTION CAPACITANCE (Vr =5V) per leg
CT
450
pF
MAXIMUM POWER DISSIPATION, TC = 25
OC
Pd
80
W
MAXIMUM THERMAL RESISTANCE, Junction to Case (PER DUAL PACKAGE
For Common Cathode/Anode Configurations)
RθJC
1.1
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top, Tstg
-55 to +175
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
TYP
MAX.
UNIT
S
MAXIMUM FORWARD VOLTAGE DROP, Pulsed
TJ = 25
°C
(If = 12 A PER LEG) Vf
TJ =150
°C
1.35
1.50
1.45
1.60
Volts
MAXIMUM FORWARD VOLTAGE DROP, Pulsed
TJ = 25
°C
(If = 20 A PER LEG) Vf
TJ = 150
°C
1.65
1.85
1.80
2.00
Volts
MAXIMUM REVERSE CURRENT (Ir @ 600V PIV PER LEG) TJ = 25
°C
TJ = 150
°C
0.08
0.15
0.30
1.00
mA
TOTAL CAPACITIVE CHARGE
QC per leg
(VR=600V IF=20A di/dt=500A/
µs TJ=25°C)
50
N/A
nC
SHD625061
SHD625061D
SHD625061N
SHD625061P


Similar Part No. - SHD625061P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD625051 SENSITRON-SHD625051 Datasheet
165Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD625051 SENSITRON-SHD625051 Datasheet
65Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD625051D SENSITRON-SHD625051D Datasheet
165Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD625051D SENSITRON-SHD625051D Datasheet
65Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD625051N SENSITRON-SHD625051N Datasheet
165Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
More results

Similar Description - SHD625061P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD620052 SENSITRON-SHD620052 Datasheet
166Kb / 2P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674112 SENSITRON-SHD674112 Datasheet
240Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD676052 SENSITRON-SHD676052 Datasheet
52Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD620112 SENSITRON-SHD620112 Datasheet
244Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626031 SENSITRON-SHD626031 Datasheet
184Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD675052 SENSITRON-SHD675052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112 SENSITRON-SHDC626112 Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122_09 Datasheet
66Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626051 SENSITRON-SHD626051 Datasheet
464Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674052 SENSITRON-SHD674052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122 Datasheet
69Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com