Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1370DV25-200BGXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1370DV25-200BGXI
Description  18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1370DV25-200BGXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1370DV25-200BGXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1370DV25-200BGXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1370DV25-200BGXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1370DV25-200BGXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1370DV25-200BGXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1370DV25-200BGXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1370DV25-200BGXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1370DV25-200BGXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1370DV25-200BGXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
CY7C1370DV25
CY7C1372DV25
PRELIMINARY
Document #: 38-05558 Rev. *A
Page 2 of 30
A0, A1, A
C
MODE
BWa
BWb
WE
CE1
CE2
CE3
OE
READ LOGIC
DQs
DQPa
DQPb
D
A
T
A
S
T
E
E
R
I
N
G
O
U
T
P
U
T
B
U
F
F
E
R
S
MEMORY
ARRAY
E
E
INPUT
REGISTER 0
ADDRESS
REGISTER 0
WRITE ADDRESS
REGISTER 1
WRITE ADDRESS
REGISTER 2
WRITE REGISTRY
AND DATA COHERENCY
CONTROL LOGIC
BURST
LOGIC
A0'
A1'
D1
D0
Q1
Q0
A0
A1
C
ADV/LD
ADV/LD
E
INPUT
REGISTER 1
S
E
N
S
E
A
M
P
S
O
U
T
P
U
T
R
E
G
I
S
T
E
R
S
E
CLK
CEN
WRITE
DRIVERS
ZZ
Sleep
Control
Logic Block Diagram-CY7C1372DV25 (1M x 18)
Selection Guide
CY7C1370DV25-250
CY7C1372DV25-250
CY7C1370DV25-200
CY7C1372DV25-200
CY7C1370DV25-167
CY7C1372DV25-167
Unit
Maximum Access Time
2.6
3.0
3.4
ns
Maximum Operating Current
350
300
275
mA
Maximum CMOS Standby Current
70
70
70
mA
Shaded areas contain advance information. Please contact your local Cypress sales representative for availability of these parts.


Similar Part No. - CY7C1370DV25-200BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370DV25-200BGXI CYPRESS-CY7C1370DV25-200BGXI Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1370DV25-200BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1372BV25 CYPRESS-CY7C1372BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_06 Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com