Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD117245PA Datasheet(PDF) 1 Page - Sensitron

Part # SHD117245PA
Description  HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD117245PA Datasheet(HTML) 1 Page - Sensitron

  SHD117245PA Datasheet HTML 1Page - Sensitron SHD117245PA Datasheet HTML 2Page - Sensitron SHD117245PA Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHD117245(P/N)
SHD117245(P/N)A
SHD117245(P/N)B
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4764, REV. –
HERMETIC POWER SCHOTTKY RECTIFIER
Low Forward Voltage Drop
Add Suffix "S" to Part Number for S-100 Screening.
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Ultra low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
DESCRIPTION: A 150-VOLT, 30/15 AMP DUAL POWER SCHOTTKY RECTIFIER IN A HERMETIC SHD-4/4A/4B
PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
150
Volts
MAXIMUM DC OUTPUT CURRENT (@ TC=100
OC) (Single, Doubler)
IO
15
Amps
MAXIMUM DC OUTPUT CURRENT (@ TC=100
OC)
(Common Cathode, Common Anode)
IO
30
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t=8.3ms, Sine)
IFSM
280
Amps
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
RθJC
0.4
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE
Top/Tstg
-65 to
+ 175
°C
MAXIMUM STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 175
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 15 Amps)
TJ = 25 °C
TJ = 125 °C
Vf
0.88
0.72
Volts
MAXIMUM REVERSE CURRENT (Ir @ 150V PIV)
TJ = 25 °C
TJ = 125 °C
Ir
0.5
8
mA
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
500
pF
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •


Similar Part No. - SHD117245PA

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD117244 SENSITRON-SHD117244 Datasheet
212Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD117244A SENSITRON-SHD117244A Datasheet
212Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD117246 SENSITRON-SHD117246 Datasheet
92Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD117246 SENSITRON-SHD117246 Datasheet
103Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200C Maximum Operation Temperature
SHD117246A SENSITRON-SHD117246A Datasheet
92Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD117245PA

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD117046 SENSITRON-SHD117046 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117112 SENSITRON-SHD117112 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117213 SENSITRON-SHD117213_08 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117236 SENSITRON-SHD117236_08 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117122 SENSITRON-SHD117122 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117146 SENSITRON-SHD117146 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117022 SENSITRON-SHD117022 Datasheet
91Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117168 SENSITRON-SHD117168 Datasheet
73Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117236 SENSITRON-SHD117236 Datasheet
87Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117136 SENSITRON-SHD117136_08 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD117222 SENSITRON-SHD117222 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com